Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LV15S60E Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # LV15S60E
Description  TO-277 Plastic package Schottky diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

LV15S60E Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  LV15S60E Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. LV15S60E Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. LV15S60E Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. LV15S60E Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. LV15S60E Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. LV15S60E Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LV15S60E
Rev.F May.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-277
塑封封装 肖特基二极管。
TO-277 Plastic package Schottky diode.

高正向浪涌能力,超低正向压降 VF(typ)=0.24V,优异的高温稳定性。
High Forward Surge Capability, Ultra Low Forward Voltage Drop VF(typ)=0.24V, Excellent High
Temperature Stability.
用于高频、低压、大电流整流二极管,续流二极管,保护二极管。
For use in low voltage,high frequency inverters, free wheeling, and polarity protection applications.
PIN1
:Anode
PIN 2
:Cathode PIN 3:Anode
Suggested Pad layout
放大及印章代码 / hFE Classifications & Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
1
3
2


Similar Part No. - LV15S60E

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
LV1501 KNOX-LV1501 Datasheet
36Kb / 1P
HF HYPERABRUPT TUNING DIODES
LV1502 KNOX-LV1502 Datasheet
36Kb / 1P
HF HYPERABRUPT TUNING DIODES
logo
Okaya Electric America,...
LV150DIQ4 OKAYA-LV150DIQ4 Datasheet
107Kb / 2P
SURGE PROTECTIVE DEVICES
logo
Foshan Blue Rocket Elec...
LV15200D FOSHAN-LV15200D Datasheet
844Kb / 6P
Schottky Barrier Diode in a TO-252 Plastic Package
LV15T50E FOSHAN-LV15T50E Datasheet
756Kb / 6P
TO-277 Plastic package Schottky diode
More results

Similar Description - LV15S60E

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
LV10S60E FOSHAN-LV10S60E Datasheet
801Kb / 6P
TO-277 Plastic package Schottky diode
LV10T45E FOSHAN-LV10T45E Datasheet
928Kb / 6P
TO-277 Plastic package Schottky diode
LV10T100E FOSHAN-LV10T100E Datasheet
696Kb / 6P
TO-277 Plastic package Schottky diode
LV20S50E FOSHAN-LV20S50E Datasheet
736Kb / 6P
TO-277 Plastic package Schottky diode
MBRE1040 FOSHAN-MBRE1040 Datasheet
1Mb / 6P
TO-277 Plastic package Schottky diode
SV10U45E FOSHAN-SV10U45E Datasheet
862Kb / 6P
TO-277 Plastic package Schottky diode
SV1045E FOSHAN-SV1045E Datasheet
743Kb / 6P
TO-277 Plastic package Schottky diode
SV1060E FOSHAN-SV1060E Datasheet
743Kb / 6P
TO-277 Plastic package Schottky diode
SV1550E FOSHAN-SV1550E Datasheet
677Kb / 6P
TO-277 Plastic package Schottky diode
SV2060E FOSHAN-SV2060E Datasheet
754Kb / 6P
TO-277 Plastic package Schottky diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com