Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LV15S60E Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # LV15S60E
Description  TO-277 Plastic package Schottky diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

LV15S60E Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  LV15S60E Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. LV15S60E Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. LV15S60E Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. LV15S60E Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. LV15S60E Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. LV15S60E Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LV15S60E
Rev.F May.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
Peak Reverse Voltage
VRRM
VRWM
VRM
60
V
RMS Reverse voltage
VR(RMS)
42
V
Average Rectified Output Current
IO
15
A
Non-Repetitive Peak Forward Surge Current
IFSM
280
A
Repetitive peak avalanche power
PARM
30000
W
Junction Temperature Range
Tj MAX
150
℃
Storage Temperature Range
Tstg
-55~150
℃
Typical Thermal Resistance
RθJA(Note 1)
73
/W
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Reverse Voltage
VR
IR=0.3mA
60
V
Forward voltage
VF
IF=3A
TJ=25℃
0.36
0.42
V
IF=3A
TJ=125℃
0.24
V
IF=15A
TJ=25℃
0.48
0.55
V
IF=15A
TJ=125℃
0.42
V
Instantaneous Reverse Current
IR(Note 2)
VR=60V
TJ=25℃
60
120
uA
VR=60V
TJ=125℃
25
100
mA
注/Notes:
1.FR-4PCB,2盎司铜,最低建议焊盘布局。/FR-4 PCB, 2oz. Copper, minimum recommended pad
layout per.
2. 使用极短的测试时间,以尽量减少自热效应。/Short duration pulse test used to minimize self-heating
effect.
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com