Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZT52B8V2S Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BZT52B8V2S
Description  Zener Diode in a SOD-323 Plastic Package.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BZT52B8V2S Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BZT52B8V2S Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52B8V2S Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52B8V2S Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52B8V2S Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52B8V2S Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52B8V2S Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52B8V2S Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BZT52BXXXS
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 7
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Forward Voltage (Note 2) IF=10mA
VF
0.9
V
Power Dissipation(Note 1)
PD
200
mW
Typical Thermal Resistance Junction
to Ambient(Note 1)
RθJA
625
/W
℃
Junction and Storage Temperature
Range
Tj,Tstg
-65~150
℃
Type Number
Mark-
ing
Code
Zener Voltage Range
(Note 2)
Maximum Zener
Impedance (Note 3)
Maximum
Reverse
Current
Vz @IZT
IZT
ZZT @IZT
ZZK
@IZK
IZK
IR
@VR
Nom
(V)
Min
(V)
Max (V)
mA
Ω
mA
μA
V
BZT52B2V4S
H0Z
2.4
2.35
2.45
5
94
564
1
45
1
BZT52B2V7S
H1Z
2.7
2.65
2.75
5
94
564
1
18
1
BZT52B3V0S
H2Z
3.0
2.94
3.06
5
89
564
1
9
1
BZT52B3V3S
H3Z
3.3
3.23
3.37
5
89
564
1
4.5
1
BZT52B3V6S
H4Z
3.6
3.53
3.67
5
84
564
1
4.5
1
BZT52B3V9S
H5Z
3.9
3.82
3.96
5
84
564
1
2.7
1
BZT52B4V3S
H6Z
4.3
4.21
4.39
5
84
564
1
2.7
1
BZT52B4V7S
H7Z
4.7
4.61
4.79
5
75
564
1
2.7
2
BZT52B5V1S
H8Z
5.1
5.00
5.20
5
56
470
1
1.8
2
BZT52B5V6S
H9Z
5.6
5.49
5.71
5
27
451
1
0.9
2
BZT52B6V2S
HAZ
6.2
6.08
6.32
5
9
376
1
2.7
4
BZT52B6V8S
HBZ
6.8
6.66
6.94
5
14
141
1
1.8
4
BZT52B7V5S
HCZ
7.5
7.35
7.65
5
14
75
1
0.9
5
BZT52B8V2S
HDZ
8.2
8.04
8.36
5
14
75
1
0.63
5
BZT52B9V1S
HEZ
9.1
8.92
9.28
5
14
94
1
0.45
6
BZT52B10S
HFZ
10
9.80
10.20
5
18
141
1
0.18
7
BZT52B11S
HGZ
11
10.78
11.22
5
18
141
1
0.09
8
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com