Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZT52B8V2S Datasheet(PDF) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BZT52B8V2S
Description  Zener Diode in a SOD-323 Plastic Package.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BZT52B8V2S Datasheet(HTML) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BZT52B8V2S Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52B8V2S Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52B8V2S Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52B8V2S Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52B8V2S Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52B8V2S Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52B8V2S Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BZT52BXXXS
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
3 / 7
Notes:
1. Device mounted on ceramic PCB; 7.6mm x 9.4mm x 0.87mm with pad areas 25mm2.
2. Short duration test pulse used to minimize self-heating effect.
3. f = 1kHz.
电性能参数 / Electrical Characteristics(Ta=25℃)
Type
Number
Marking
Code
Zener Voltage Range
(Note 2)
Maximum Zener
Impedance (Note 3)
Maximum
Reverse Current
Vz @IZT
IZT
ZZT @IZT
ZZK
@IZK
IZK
IR
@VR
Nom
(V)
Min
(V)
Max (V)
mA
Ω
mA
uA
V
BZT52B12S
HHZ
12
11.76
12.24
5
23
141
1
0.09
8
BZT52B13S
HJZ
13
12.74
13.26
5
28
160
1
0.045
8
BZT52B15S
HKZ
15
14.70
15.30
5
28
188
1
0.045
10.5
BZT52B16S
HLZ
16
15.68
16.32
5
37
188
1
0.045
11.2
BZT52B18S
HMZ
18
17.64
18.36
5
42
212
1
0.045
12.6
BZT52B20S
HNZ
20
19.60
20.40
5
51
212
1
0.045
14.0
BZT52B22S
HPZ
22
21.56
22.44
5
51
235
1
0.045
15.4
BZT52B24S
HRZ
24
23.52
24.48
5
65
235
1
0.045
16.8
BZT52B27S
HSZ
27
26.46
27.54
5
75
282
0.5
0.045
18.9
BZT52B30S
HTZ
30
29.40
30.60
5
75
282
0.5
0.045
21.0
BZT52B33S
HUZ
33
32.34
33.66
5
75
306
0.5
0.045
23.0
BZT52B36S
HVZ
36
35.28
36.72
5
84
329
0.5
0.045
25.2
BZT52B39S
HWZ
39
38.22
39.78
5
122
329
0.5
0.045
27.3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com