Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RAC10-05SC/277 Datasheet(PDF) 2 Page - Recom International Power

Part # RAC10-05SC/277
Description  10 Watt Single / Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC10-05SC/277 Datasheet(HTML) 2 Page - Recom International Power

  RAC10-05SC/277 Datasheet HTML 1Page - Recom International Power RAC10-05SC/277 Datasheet HTML 2Page - Recom International Power RAC10-05SC/277 Datasheet HTML 3Page - Recom International Power RAC10-05SC/277 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
POWERLINE
AC/DC-Converter
Characteristics (measured @ 115/230VAC, 50/60Hz after warm up)
0
0
20
40
60
80
100
20
40
60
80
100
Load (%)
RAC10-15SC/277
RAC10-3.3SC/277
RAC10-05SC/277
RAC10-12SC/277
RAC10-24SC/277
0
0
20
40
60
80
100
20
40
60
80
100
Load (%)
RAC10-15SC/277
RAC10-05SC/277
RAC10-12SC/277
RAC10-xxSC/277
RAC10-xxDC/277
Specifications (measured at TA 25°C, full load after warm-up)
Output Overvoltage Protection
Latch off
Over Voltage Category
OVC II
Overcurrent Protection
Automatic Recovery
Operating Temperature Range (3)
(free air convection, with derating)
-20°C to +70°C
Storage Temperature Range
-40°C to +7 5°C
Humidity
95% RH max.
Case Material
Epoxy with Fibreglass (UL94V-0)
Dimension (L x W x H)
52.4 x 27.4 x 23.5mm
Package Weight
62g±5g
Certifications
UL General Safety
Report: E224736-A20
UL60950-1, 2nd Edition
IEC/EN General Safety
Report: SPCLVD1210109
EN60950-1, 2nd Edition
EMC
Report: T121026N02-E
EN 55022 Class B
Report: T121026N02-E
EN 55024
MTBF (+25°C)
using MIL-HDBK-217F
320 x 103 hours
(+70°C)
using MIL-HDBK-217F
120 x 10³ hours
0
-2
-1,5
0
1
1,5
20
40
60
80
100
-1
-0,5
0,5
2
3.3V
24V
5V
12V
Load (%)
0
-2
-1,5
0
1
1,5
20
40
60
80
100
-1
-0,5
0,5
2
±15V
±5V
±12V
Load (%)
RAC10-xxS_DC
/277 Series
Input Voltage vs Load
100
60
20
40
Input Voltage (VAC)
0
80
100 115
230
305
80 90
264 277
Notes:
Note1: Measured @ 230VAC / 50Hz / Ta=25°C with constant resistant mode at full load.
Note2: If used @ 115VAC / 60Hz with full load, max. capacitive load is less, please contace RECOM for detailed information.
Note3: The RAC10-C/277 has been submitted and evaluated by Underwriters Laboratory (UL) to UL 60950 Standard for the use at the maximum
ambient temperature (Tma) of 57°C
PA-40
www.recom-power.com
REV: 3/2017



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com