Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RAC10-05SC/277 Datasheet(PDF) 3 Page - Recom International Power

Part # RAC10-05SC/277
Description  10 Watt Single / Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC10-05SC/277 Datasheet(HTML) 3 Page - Recom International Power

  RAC10-05SC/277 Datasheet HTML 1Page - Recom International Power RAC10-05SC/277 Datasheet HTML 2Page - Recom International Power RAC10-05SC/277 Datasheet HTML 3Page - Recom International Power RAC10-05SC/277 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
POWERLINE
AC/DC-Converter
27.4
23.5
52.5
51.5
45.75
26.7
10.16
6.0
2
1
10.16
10.16
13.7
3
4
10.16
2.54
2.54
1.2ø+0.2/-0.1
Æ1.0mm
Bottom View
Recommended Footprint Details
Top View
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections-
Pin #
Single Out
1
VAC in (N)
2
VAC in (L)
3
-VDC out
4
+VDC out
RAC10-xxSC/277
Application Notes
RAC10-xxS_DC
/277 Series
VAC in (L)
VAC in (N)
VDC out +
VDC out -
Fuse
1.5-2A Slow blow type
0.1uF/50V
Ground Ring
VAC in (L) VDC out +
VAC in (N) VDC out -
0.1uF/50V
0.1uF/50V
Fuse
1.5-2A Slow blow type
VDC out +
COM
VDC out -
LOAD
LOAD
LOAD
DUAL
SINGLE
Fuse
1.5-2A slow blow type
L
N
VAC in (L)
VAC in (N)
VDC out +
COM
VDC out -
100VAC
115VAC
230VAC
277VAC
Standard Application Circuit
1. Recommended external input fuse 1.5A / slow blow type.
2. Do not use scope ground lead to measure the output
ripple & noise.
Standard Package Style and Pinning
www.recom-power.com
PA-41
REV: 3/2017



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com