Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RAC45-48SG/OF Datasheet(PDF) 4 Page - Recom International Power

Part # RAC45-48SG/OF
Description  45 Watt 4 x 2 Open Frame
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC45-48SG/OF Datasheet(HTML) 4 Page - Recom International Power

  RAC45-48SG/OF Datasheet HTML 1Page - Recom International Power RAC45-48SG/OF Datasheet HTML 2Page - Recom International Power RAC45-48SG/OF Datasheet HTML 3Page - Recom International Power RAC45-48SG/OF Datasheet HTML 4Page - Recom International Power RAC45-48SG/OF Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PA-4
REV.: 1/2017
www.recom-power.com
AC/DC Converter
Specifications (measured @ ta = 25°C, nominal input voltage, full load otherwise noted)
RAC45-G/OF
Series
DIMENSIONS and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
PCB
FR4 (UL94-V0)
Package Dimension (LxWxH)
101.6 x 51.0 x 28.0mm
Package Weight
126g typ.
Dimension Drawing Open Frame (mm)
101.6
FC 95.3
1
1
M3
2
3
3
4
3.15
Customer Application
Customer Application
CN1
CN2
LED
T3.15
PCB thickness=1.6mm
Top View
Side View
Bottom View
Connections
AC Input (CN1)
Pin #
Terminal
1 AC/L
3 AC/N
3 Pins (Pin2 removed) with
3.96mm pitch
DC Output Connector (CN2)
Pin #
Terminal
1,2 V+
3,4 V-
4 Pins with
3.96mm pitch
FC= fixing centers
Crimp Terminal AWG Range: 18-22AWG
Tolerance: xx.x= ±1.0mm
xx.xx= ±0.5mm
Compatible Connectors
Connector Set available:
20900009
Housing
Landwin 3960S Series
JST VHR
Molex 51144 Series
Crimp Terminal
Landwin 3963T011R
JST SVH-21T-P1.1
Molex 50539



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com