Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RAC45-48SG/OF Datasheet(PDF) 5 Page - Recom International Power

Part # RAC45-48SG/OF
Description  45 Watt 4 x 2 Open Frame
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC45-48SG/OF Datasheet(HTML) 5 Page - Recom International Power

  RAC45-48SG/OF Datasheet HTML 1Page - Recom International Power RAC45-48SG/OF Datasheet HTML 2Page - Recom International Power RAC45-48SG/OF Datasheet HTML 3Page - Recom International Power RAC45-48SG/OF Datasheet HTML 4Page - Recom International Power RAC45-48SG/OF Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PA-5
REV.: 1/2017
www.recom-power.com
AC/DC Converter
Specifications (measured @ ta = 25°C, nominal input voltage, full load otherwise noted)
RAC45-G/OF
Series
APPLICATION and INSTALLATION
upside-down
vertical
horizontal (standard)
DC
AC
DC
AC
DC
AC
upside-down
vertical
horizontal (standard)
DC
AC
DC
AC
DC
AC
upside-down
vertical
horizontal (standard)
DC
AC
DC
AC
DC
AC
Power Stage
LED
L
T3.15A
N
-V
Vadj.
+V
Output
Filter
Protection
Input
Filter
Outoput
Voltage
Regulation
OVP
Shut-
Down
OCP
Limit
PE
Mounting
Functional diagram
If module is mounted vertical or upside-down with natural convection cooling, the power must be derated
≥ 10%.
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
cardboard box
174.0 x 125.0 x 266.0mm
Packaging Quantity
10pcs
Storage Temperature Range
-40°C to +85°C
Storage Humidity
non-condensing
10% - 95% RH
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com