Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT5035A Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT5035A
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035A Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT5035A Datasheet HTML 1Page - Richtek Technology Corporation RT5035A Datasheet HTML 2Page - Richtek Technology Corporation RT5035A Datasheet HTML 3Page - Richtek Technology Corporation RT5035A Datasheet HTML 4Page - Richtek Technology Corporation RT5035A Datasheet HTML 5Page - Richtek Technology Corporation RT5035A Datasheet HTML 6Page - Richtek Technology Corporation RT5035A Datasheet HTML 7Page - Richtek Technology Corporation RT5035A Datasheet HTML 8Page - Richtek Technology Corporation RT5035A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5035A/B-02
February
2017
www.richtek.com
5
Functional Block Diagram
FB7
LX7
VDDM
CH6
Generic LDO
-
+
PVDD6
VOUT6
VREF & DAC
CH5
LV C-Mode
Sync.
Step-Down
+
-
VREF &
DAC
LX5
PVDD5
VDDM
BAT UVLO
2.6V/2.4V (Part A)
or 1.7V/1.5 (Part B)
VOUT5/FB5
LX4
CH4
LV C-Mode
Sync.
Step-Down
+
-
PVDD4/10
VDDM
VNEG
VOUT4/SWI
CH3
LV C-Mode
Sync.
Step-Down
+
-
PVDD3
LX3
VDDM
VOUT3/FB3
VNEG
CH2
LV C-Mode
Sync.
Step-Up/Down
LX2A
PVDD2
VDDM
+
-
VREF & DAC
VNEG
VOUT2
LX2B
CH1
PFM Async.
or
C-Mode Sync.
LV Step-Up
LX1
VOUT1
VDDM
+
-
VREF & DAC
(W / DVS)
VOUT1
BAT
CH8
Generic LDO
+
-
VOUT8
PVDD8
CH9 LDO
Keep Alive
3.1V
Always On
VM
VDDM
Reverse Leakage
Control
RESET
2.4V/2.2V
RTCPWR
VNEG
Charge Pump
VNEG = BAT-4.5V
XIN
XOUT
RTCGND
Register File
Output Voltage,
Power On/Off
Sequence Control,
Delay time,
WLED dim. Ratio,
CH7 OVP
Threshold
32bits Memory
SW4 Control
VDDM
SWO
Chip Enable
Sequence
Selection
EN
CP
CN
VNEG
RTC + OSC+
Reset@1.9V
VDDM
BAT
GND
VDDM
C32K
VREF & DAC
(W / DVS)
VREF & DAC
(W / DVS)
Charge
Pump for SW
VOUT1
VNEG
I
2C Control Interface
(Fast Mode up to 400kb/s)
VDDM
SCL
SDA
Body
Diode
Control
BAT
VOUT1
SEQ
PLL
SYNC
Floating GND
Selection
A9.Bit0
CH10
PFM or
LV C-Mode
Sync.
Step-Down
+
-
LX10
PVDD4/10
VDDM
VOUT10/FB10
VREF & DAC
(W / DVS)
VNEG
Reg.PFM10
VOUT1
BAT
Body
Diode
Control
Max (BAT, VOUT1)
RESET
Base Controller
POR/OSC/UVP/
OVP/OCP/OTP
VREF & DAC
(W / DVS)
CH7 (WLED)
HV C-Mode
Async. Step-Up
For 2 to 6WLED
VREF & DAC
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com