Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT5035A Datasheet(PDF) 30 Page - Richtek Technology Corporation

Part # RT5035A
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035A Datasheet(HTML) 30 Page - Richtek Technology Corporation

Back Button RT5035A Datasheet HTML 26Page - Richtek Technology Corporation RT5035A Datasheet HTML 27Page - Richtek Technology Corporation RT5035A Datasheet HTML 28Page - Richtek Technology Corporation RT5035A Datasheet HTML 29Page - Richtek Technology Corporation RT5035A Datasheet HTML 30Page - Richtek Technology Corporation RT5035A Datasheet HTML 31Page - Richtek Technology Corporation RT5035A Datasheet HTML 32Page - Richtek Technology Corporation RT5035A Datasheet HTML 33Page - Richtek Technology Corporation RT5035A Datasheet HTML 34Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5035A/B-02
February
2017
30
Address
Name
Register
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
A9
0X09
Meaning
ENDLY3
ENDLY2
Default
Decided by SEQ
Decided by SEQ
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Condition
B
B
B
B
B
B
B
B
ENDLY3
Setting ENDLY3 for CH3 Power on delay time (2ms x ENDLY3).
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
0000
0ms
0100
8ms
1000
16ms
1100
24ms
0001
2ms
0101
10ms
1001
18ms
1101
26ms
0010
4ms
0110
12ms
1010
20ms
1110
28ms
0011
6ms
0111
14ms
1011
22ms
1111
30ms
ENDLY2
Setting ENDLY2 for CH2 Power on delay time (2ms x ENDLY2).
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
0000
0ms
0100
8ms
1000
16ms
1100
24ms
0001
2ms
0101
10ms
1001
18ms
1101
26ms
0010
4ms
0110
12ms
1010
20ms
1110
28ms
0011
6ms
0111
14ms
1011
22ms
1111
30ms
Address
Name
Register
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
A10
0X0A
Meaning
ENDLY10
ENDLY4
Default
Decided by SEQ
Decided by SEQ
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Condition
B
B
B
B
B
B
B
B
ENDLY10
Setting ENDLY10 for CH10 Power on delay time (2ms x ENDLY10).
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
0000
0ms
0100
8ms
1000
16ms
1100
24ms
0001
2ms
0101
10ms
1001
18ms
1101
26ms
0010
4ms
0110
12ms
1010
20ms
1110
28ms
0011
6ms
0111
14ms
1011
22ms
1111
30ms
ENDLY4
Setting ENDLY4 for CH4 Power on delay time (2ms x ENDLY4).
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
0000
0ms
0100
8ms
1000
16ms
1100
24ms
0001
2ms
0101
10ms
1001
18ms
1101
26ms
0010
4ms
0110
12ms
1010
20ms
1110
28ms
0011
6ms
0111
14ms
1011
22ms
1111
30ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com