Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62E40B Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST62E40B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62E40B Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST62E40B Datasheet HTML 48Page - STMicroelectronics ST62E40B Datasheet HTML 49Page - STMicroelectronics ST62E40B Datasheet HTML 50Page - STMicroelectronics ST62E40B Datasheet HTML 51Page - STMicroelectronics ST62E40B Datasheet HTML 52Page - STMicroelectronics ST62E40B Datasheet HTML 53Page - STMicroelectronics ST62E40B Datasheet HTML 54Page - STMicroelectronics ST62E40B Datasheet HTML 55Page - STMicroelectronics ST62E40B Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
52/76
ST62T40B/E40B
4.6 POWERSUPPLY SUPERVISOR DEVICE (PSS)
The Power Supply Supervisor device, described in
the Figure 32, permits supervising the crossing of
the PSS pin voltage (VPSS) through a program-
mable voltage (mxVDD/n), where n and m can be
chosen by software. This device includes:
– An internal comparator which is connected to the
internal INT line to make an interrupt request to
the Core.
– 2 resistive voltage dividers that are, respectively,
supplied by the PSS pin and the VDD pin. These
two voltage dividers are both connected to the
two inputs of the internal comparator. They con-
sist of 13 identical resistors. It is possible to se-
lect by software 5 voltage rates on the PSS
divider (nxVPSS/13) and 4 voltage rates on the
VDD divider (mxVDD/13). The n and m values can
be chosen by software. These two voltage divid-
ers are disconnected in STOP mode, and when
the PSS device is OFF.
– An internal device that allows the detection with
an hysteresis of VDD/13.
The PSS device is supplied by an internal connec-
tion to VDD supply. The following paragraphs de-
scribe the operating mode of the PSS device and
the PSS register that permits control over the PSS
device. The PSS device is switched off as soon as
the Core executes the STOP instruction, but con-
tinues to work in the WAIT mode.
Figure
31. PSS Device
Operating
Modes
Description
Figure 32. PSS Device Block Diagram
VPSS
t
(m+1)x/VDD/13
mx/VDD/13
PIF
1
0
t
nxVPSS/13
VR02044A
PSS
VDD
PSS ON
INTERRUPT LINE
PIF
2k
Ω (UP to 13 STEPS)
2k
Ω (UP to 13 STEPS)
SEQUENCER
& LOGIC
SYNCHRO
+
-
VA0060
624



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com