Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62E40B Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST62E40B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62E40B Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST62E40B Datasheet HTML 49Page - STMicroelectronics ST62E40B Datasheet HTML 50Page - STMicroelectronics ST62E40B Datasheet HTML 51Page - STMicroelectronics ST62E40B Datasheet HTML 52Page - STMicroelectronics ST62E40B Datasheet HTML 53Page - STMicroelectronics ST62E40B Datasheet HTML 54Page - STMicroelectronics ST62E40B Datasheet HTML 55Page - STMicroelectronics ST62E40B Datasheet HTML 56Page - STMicroelectronics ST62E40B Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
53/76
ST62T40B/E40B
POWER SUPPLY SUPERVISOR (Continued)
4.6.1 PSS Operating Mode Description
The resistive voltage divider connected to the PSS
pin provides the internal comparator with the
nxVPSS/13 voltage. The resistive voltage divider
connected to the VDD pin provides the internal
comparator with the mxVDD/13 voltage. The n and
m values are selected with the PSS register. It
must be observed that the n and m values must be
selected, taking into consideration the following
electrical constraints:
0.5V < nxVPSS/13 at detection < VDD -2V
0.5V < mxVDD/13 at detection < VDD -2V
we must also have:
VDD ≤ VPSS ≤ VDD
The PIF bit is the interrupt request flag of the PSS
device. This bit follows PSS comparator output.
Figure 33. Typical application using the PSS
m
n
----
VDD
VIN
PSS
VSS
L48xx
VR01837
625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com