Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC9105 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC9105
Description  Step-Up DC/DC Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9105 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC9105 Datasheet HTML 9Page - Torex Semiconductor XC9105 Datasheet HTML 10Page - Torex Semiconductor XC9105 Datasheet HTML 11Page - Torex Semiconductor XC9105 Datasheet HTML 12Page - Torex Semiconductor XC9105 Datasheet HTML 13Page - Torex Semiconductor XC9105 Datasheet HTML 14Page - Torex Semiconductor XC9105 Datasheet HTML 15Page - Torex Semiconductor XC9105 Datasheet HTML 16Page - Torex Semiconductor XC9105 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
(2) Efficiency vs. Output Current (Contd.)
XC9103/04/05 Series
Ceramic Cap. Compatible
Step-Up DC/DC Converters
XC9103D095MR (PWM,500kHz,3.3V)
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current IOUT(mA)
1.2V
1.8V
1.5V
L=10
µH(CDRH5D18), CL=20µF(ceramic)
SD:MA2Q737, Tr:XP161A1355P
2.0V
XC9104D095MR (PWM/PFM,500kHz,3.3V)
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current IOUT(mA)
VIN=0.9V
1.2V
1.8V
1.5V
L=10
µH(CDRH5D18), CL=20µF(ceramic)
SD:MA2Q737, Tr:XP161A1355P
2.0V
XC9103D092MR (PWM,180kHz,3.3V)
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current IOUT(mA)
VIN=0.9V
1.2V
1.8V
1.5V
L=22
µH(CDRH5D28),CL=47µF(tantalum)
SD:MA2Q737, Tr:XP161A1355P
2.0V
XC9104D092MR (PWM/PFM,180kHz,3.3V)
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current IOUT(mA)
VIN=0.9V 1.2V
1.8V
1.5V
L=22
µH(CDRH5D28), CL=47µF(tantalum)
SD:MA2Q737, Tr:XP161A1355P
2.0V
XC9103D093MR (PWM,300kHz,3.3V)
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current IOUT(mA)
VIN=0.9V 1.2V
1.8V
1.5V
L=22
µH(CDRH5D28),CL=94µF(tantalum)
SD:MA2Q737, Tr:XP161A1355P
2.0V
XC9104D093MR (PWM/PFM,300kHz,3.3V)
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current IOUT(mA)
VIN=0.9V
1.2V
1.8V
1.5V
L=22
µH(CDRH5D28), CL=94µF(tantalum)
SD:MA2Q737, Tr:XP161A1355P
2.0V
Semiconductor Ltd.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com