Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC9105 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9105
Description  Step-Up DC/DC Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9105 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9105 Datasheet HTML 1Page - Torex Semiconductor XC9105 Datasheet HTML 2Page - Torex Semiconductor XC9105 Datasheet HTML 3Page - Torex Semiconductor XC9105 Datasheet HTML 4Page - Torex Semiconductor XC9105 Datasheet HTML 5Page - Torex Semiconductor XC9105 Datasheet HTML 6Page - Torex Semiconductor XC9105 Datasheet HTML 7Page - Torex Semiconductor XC9105 Datasheet HTML 8Page - Torex Semiconductor XC9105 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
" PIN CONIGURATION
" PIN ASSIGNMENT
" ORDERING INFORMATION
XC9104 Series: PWM/PFM automatic switching control
XC9103 Series: PWM Control
(Same as XC9103 Series)
With Current Limiter
XC9105 Series: PWM/PFM manual switching control
(Same as XC9103 Series)
Oscillation Frequency:
300kHz
100kHz
180kHz
500kHz (D type only)
Package:
SOT-25 (1 reel = 3000 pcs.)
USP-6B (1 reel = 3000 pcs.)
Embossed Tape:
Standard Feed
Reverse Feed
" PACKAGING INFORMATION
$ SOT-25 (SOT-23-5)
$ USP-6B
CE
Ground
Serves as both PWM/PFM switching pin
and CE pin for XC9105
(/PWM)
GND
FB
VDD
FB Voltage
5
6
R
PIN
NAME
XC9104
123456
Output Resistor Connection
Supply Voltage
Chip Enable (Operates in "H" level)
CE
FUNCTION
NC
No Connection
External Transistor Connection
EXT
XC9105
123456
3
1
PIN NUMBER
1
2
6
2
SOT-25 USP-6B
XC9103/04/05 Series
Ceramic Cap. Compatible
Step-Up DC/DC Converters
XC9103
123456
-5
34
4
5
4
B
Without Current Limiter
(D type : 100kHz, 500kHz Only)
1
2
3
D
09
3
1
2
5
M
D
L
SOT-25
(TOP VIEW)
1
2
3
4
5
[SOT-23-5]
6
5
4
1
2
3
USP-6B
(TOP VIEW)
6
5
4
1
2
3
A’
A
1
.
4
5
6
3
2
1
1
1
1
1
2.0 + 0.15
(0.45) 0.5+0.1
(0.05)
(0.45) (0.45)
45
O
45O
0.7+0.03
1.0+0.1
0.25+0.1
0.25+0.1
Semiconductor Ltd.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com