Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC74WLU04ASR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC74WLU04ASR
Description  CMOS Logic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74WLU04ASR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC74WLU04ASR Datasheet HTML 1Page - Torex Semiconductor XC74WLU04ASR Datasheet HTML 2Page - Torex Semiconductor XC74WLU04ASR Datasheet HTML 3Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
XC74WLU04ASR
965
13
■Recommended Operating Conditions
■DC Electrical Characteristics
■Switching Electrical Characteristics
PARAMETER
Supply Voltage
Input Voltage
Output Voltage
Operating Temperature
SYMBOL
CONDITIONS
UNITS
−40∼+85
V
VCC
VIN
VOUT
Topr
2∼5.5
0∼5.5
0∼VCC
V
V
℃
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
Input Current
VIL
Output Voltage
VIH
VOL
ICC
Quiscent Supply Current
VIN=VIL
VIN=GND
VIN=VIH
VIN=VCC
VIN=VCC or GND
VIN=VCC or GND, IOUT=0μA
IOH=−50μA
IOH=−4mA
IOH=−8mA
IOL=50μA
IOL=4mA
IOL=8mA
2.0
3.0
5.5
2.0
3.0
5.5
2.0
3.0
4.5
3.0
4.5
2.0
3.0
4.5
3.0
4.5
5.5
0∼5.5
MIN
MAX
Ta=25℃
Ta=−40∼85℃
−
−
−
0.3
0.6
1.1
−
−
−
−
−
0.2
0.3
0.45
0.44
0.44
10
1
1.7
2.4
4.4
−
−
−
1.8
2.7
4.05
2.48
3.8
−
−
−
−
−
−
−1
−
−
−
0.3
0.6
1.1
−
−
−
−
−
0.2
0.3
0.45
0.36
0.36
1
0.1
−
−
−
−
−
−
2
3
4.5
−
−
−
−
−
−
−
−
−
1.7
2.4
4.4
−
−
−
1.8
2.7
4.05
2.58
3.94
−
−
−
−
−
−
−0.1
V
V
V
V
V
V
μA
μA
IIN
VOH
VCC(V)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Propagation Delay
Time
Input Capacitance
tPHL
tPLH
Power Dissipation
Capacitance
VIN=VCC or GND
15pF
50pF
15pF
50pF
−
No Load, f=1MHz
MIN
MAX
Ta=25℃
Ta=−40∼85℃
8.5
6
12
8
8.5
6
12
8
10
−
1
1
1
1
1
1
1
1
−
−
7.1
5.5
10.6
7
7.1
5.5
10.6
7
10
−
2.8
2.4
4.5
3.6
2.7
2.2
4.2
3.5
2
16
−
−
−
−
−
−
−
−
−
−
ns
ns
ns
ns
pF
pF
CIN
Cpd
CL
3.3
5.0
3.3
5.0
3.3
5.0
3.3
5.0
5.0
VCC(V)
(tr=tf=3ns)
13S_18XC74WL(U04ASR) 02.09.12 16:04 ページ 965



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com