Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC74WLU04ASR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC74WLU04ASR
Description  CMOS Logic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74WLU04ASR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC74WLU04ASR Datasheet HTML 1Page - Torex Semiconductor XC74WLU04ASR Datasheet HTML 2Page - Torex Semiconductor XC74WLU04ASR Datasheet HTML 3Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
XC74WLU04ASR
966
13
■Typical Application Circuit
■Waveforms
OUTPUT
VCC
INPUT
ZOUT=50Ω
CL
Pulse
Generator
tr=tf=3ns
90%
10%
50%
50%
tPHL
tr
INPUT
OUTPUT
90%
50%
10%
50%
tPLH
tf
VCC
GND
VOH
VOL
PRR=1MHz
duty cycle 50%
■Noise Characteristics
( tr=tf=3ns )
PARAMETER
SYMBOL
CONDITIONS
Ta=25℃
UNITS
CL
VCC(V)
Not functioning output maximum dynamic VOL
VOLP
50pF
5.0
−
0.3
0.8
V
V
Not functioning output minimum dynamic VOL
VOLV
50pF
5.0
−0.8
−0.3
−
Minimum dynamic VIH
VIHD
50pF
5.0
−
−
3.5
V
Maximum dynamic VIL
VILD
50pF
5.0
−
−
1.5
V
MIN
TYP
MAX
13S_18XC74WL(U04ASR) 02.09.12 16:04 ページ 966



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com