Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXM2010GST1 Datasheet(PDF) 49 Page - Motorola, Inc

Part # MPXM2010GST1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010GST1 Datasheet(HTML) 49 Page - Motorola, Inc

Back Button MPXM2010GST1 Datasheet HTML 45Page - Motorola, Inc MPXM2010GST1 Datasheet HTML 46Page - Motorola, Inc MPXM2010GST1 Datasheet HTML 47Page - Motorola, Inc MPXM2010GST1 Datasheet HTML 48Page - Motorola, Inc MPXM2010GST1 Datasheet HTML 49Page - Motorola, Inc MPXM2010GST1 Datasheet HTML 50Page - Motorola, Inc MPXM2010GST1 Datasheet HTML 51Page - Motorola, Inc MPXM2010GST1 Datasheet HTML 52Page - Motorola, Inc MPXM2010GST1 Datasheet HTML 53Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 670 page
background image
MMA1201P MMA2200W
2–13
Motorola Sensor Device Data
www.motorola.com/semiconductors
MAXIMUM RATINGS (Maximum ratings are the limits to which the device can be exposed without causing permanent damage.)
Rating
Symbol
Value
Unit
Powered Acceleration (all axes)
Gpd
500
g
Unpowered Acceleration (all axes)
Gupd
2000
g
Supply Voltage
VDD
–0.3 to +7.0
V
Drop Test(1)
Ddrop
1.2
m
Storage Temperature Range
Tstg
– 40 to +105
°C
NOTES:
1. Dropped onto concrete surface from any axis.
ELECTRO STATIC DISCHARGE (ESD)
WARNING: This device is sensitive to electrostatic
discharge.
Although the Motorola accelerometers contain internal
2kV ESD protection circuitry, extra precaution must be taken
by the user to protect the chip from ESD. A charge of over
2000 volts can accumulate on the human body or associated
test equipment. A charge of this magnitude can alter the per-
formance or cause failure of the chip. When handling the
accelerometer, proper ESD precautions should be followed
to avoid exposing the device to discharges which may be
detrimental to its performance.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com