Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXM2010GST1 Datasheet(PDF) 64 Page - Motorola, Inc

Part # MPXM2010GST1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010GST1 Datasheet(HTML) 64 Page - Motorola, Inc

Back Button MPXM2010GST1 Datasheet HTML 60Page - Motorola, Inc MPXM2010GST1 Datasheet HTML 61Page - Motorola, Inc MPXM2010GST1 Datasheet HTML 62Page - Motorola, Inc MPXM2010GST1 Datasheet HTML 63Page - Motorola, Inc MPXM2010GST1 Datasheet HTML 64Page - Motorola, Inc MPXM2010GST1 Datasheet HTML 65Page - Motorola, Inc MPXM2010GST1 Datasheet HTML 66Page - Motorola, Inc MPXM2010GST1 Datasheet HTML 67Page - Motorola, Inc MPXM2010GST1 Datasheet HTML 68Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 670 page
background image
MMA1250D
2–28
Motorola Sensor Device Data
www.motorola.com/semiconductors
BASIC CONNECTIONS
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
9
VSS
VSS
VSS
VOUT
STATUS
VDD
VSS
ST
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
Figure 4. Pinout Description
Pin No.
Pin Name
Description
1 thru 3
VSS
Redundant connections to the internal
VSS and may be left unconnected.
4
VOUT
Output voltage of the accelerometer.
5
STATUS
Logic output pin used to indicate fault.
6
VDD
The power supply input.
7
VSS
The power supply ground.
8
ST
Logic input pin used to initiate self–
test.
9 thru 13
Trim pins
Used for factory trim.
Leave unconnected.
14 thru 16
—
No internal connection.
Leave unconnected.
MMA1250D
ST
VDD
VSS
VOUT
OUTPUT
SIGNAL
R1
1 k
Ω
4
C2
0.1
µF
8
6
7
LOGIC
INPUT
VDD
C1
0.1
µF
Figure 5. SOIC Accelerometer with Recommended
Connection Diagram
STATUS
5
3
2
1
VSS
VSS
VSS
PCB Layout
P0
A/D IN
VRH
VSS
VDD
ST
VOUT
VSS
VDD
0.1
µF
C
1 k
Ω
0.1
µF
C 0.1
µF
POWER SUPPLY
C
R
C
0.1
µF
Figure 6. Recommended PCB Layout for Interfacing
Accelerometer to Microcontroller
P1
STATUS
NOTES:
• Use a 0.1 µF capacitor on VDD to decouple the power
source.
• Physical coupling distance of the accelerometer to the mi-
crocontroller should be minimal.
• Place a ground plane beneath the accelerometer to reduce
noise, the ground plane should be attached to all internal
VSS terminals shown in Figure 4.
• Use an RC filter of 1 kΩ and 0.1 µF on the output of the ac-
celerometer to minimize clock noise (from the switched
capacitor filter circuit).
• PCB layout of power and ground should not couple power
supply noise.
• Accelerometer and microcontroller should not be a high
current path.
• A/D sampling rate and any external power supply switching
frequency should be selected such that they do not inter-
fere with the internal accelerometer sampling frequency.
This will prevent aliasing errors.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com