Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8980GEFL/V Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
WM8980
Product Preview
w
PP Rev 1.6 January 2005
52
A dedicated buffer is available for tying off unused analogue I/O pins as shown in Figure 22. This
buffer can be enabled using the BUFIOEN register bit.
If the SPKBOOST, OUT3BOOST or OUT4BOOST bits are set then the relevant outputs will be tied
to the output of the DC level shift buffer at 1.5xAVDD/2 when disabled.
Figure 22 summarises the tie-off options for the speaker and mono output pins.
Figure 22 Unused Input/Output Pin Tie-off Buffers
L/ROUT2EN/
OUT3/4EN
OUT3BOOST/
OUT4BOOST/
SPKBOOST
VROI
OUTPUT CONFIGURATION
0
0
0
1kΩ tie-off to AVDD/2
0
0
1
30kΩ tie-off to AVDD/2
0
1
0
1kΩ tie-off to 1.5xAVDD/2
0
1
1
30kΩ tie-off to 1.5xAVDD/2
1
0
X
Output enabled (DC level=AVDD/2)
1
1
X
Output enabled (DC level=1.5xAVDD/2)
Table 43 Unused Output Pin Tie-off Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com