Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8980GEFL/V Datasheet(PDF) 61 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 61 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 81 page
background image
Product Preview
WM8980
w
PP Rev 1.6 January 2005
61
AUDIO SAMPLE RATES
The WM8980 sample rates for the ADCs and the DACs are set using the SR register bits. The
cutoffs for the digital filters and the ALC attack/decay times stated are determined using these
values and assume a 256fs master clock rate.
If a sample rate that is not explicitly supported by the SR register settings is required then the
closest SR value to that sample rate should be chosen, the filter characteristics and the ALC attack,
decay and hold times will scale appropriately.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7
Additional
Control
3:1
SR
000
Approximate sample rate (configures the
coefficients for the internal digital filters):
000=48kHz
001=32kHz
010=24kHz
011=16kHz
100=12kHz
101=8kHz
110-111=reserved
Table 49 Sample Rate Control
MASTER CLOCK AND PHASE LOCKED LOOP (PLL)
The WM8980 has an on-chip phase-locked loop (PLL) circuit that can be used to:
Generate master clocks for the WM8980 audio functions from another external clock, e.g. in
telecoms applications.
Generate and output (on pin CSB/GPIO1 and/or GPI04) a clock for another part of the system that is
derived from an existing audio master clock.
Figure 31 shows the PLL and internal clocking arrangment on the WM8980.
The PLL can be enabled or disabled by the PLLEN register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
5
PLLEN
0
PLL enable
0=PLL off
1=PLL on
Table 50 PLLEN Control Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com