Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SDT2P02 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SDT2P02
Description  -2.2A, -20V, RDS(ON) 200 m(ohm) Dual-P Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SDT2P02 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SDT2P02 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SDT2P02 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SDT2P02 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SDT2P02 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SDT2P02
-2.2A, -20V, RDS(ON) 200 mΩ
Ω
Ω
Ω
Dual-P Enhancement Mode MOSFET
12-Aug-2017 Rev. D
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low RDS(on)
and to assure minimal power loss and heat dissipation.
FEATURES
Low RDS(on) trench technology
Low thermal impedance
Fast switching speed
APPLICATIONS
Battery-powered instruments
Portable computing
Mobile phones
GPS units and media players
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±8
V
TA=25°C
-2.2
Continuous Drain Current@ VGS= -4.5V
1
TA=70°C
ID
-1.7
A
Pulsed Drain Current
2
IDM
-8.8
A
Power Dissipation@ TA=25°C
1
PD
1.5
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Rating
t≦5 sec
83
Maximum Thermal Resistance from
Junction to Ambient
1
Steady State
RθJA
125
°C / W
Package
MPQ
Leader Size
DFN2×2-6L-J
3K
7 inch
DFN2x2-6L-J
Millimeter
Millimeter
REF.
Min.
Typ.
Max.
REF.
Min.
Typ.
Max.
A
2.00 BSC.
G
0.30 BSC
B
2.00 BSC.
H
0.20 BSC
-
C
0.675
0.75
0.80
J
0
-
0.06
D
0.30 Typ.
K
0.15
0.20
0.25
E
0.75
0.86
1.1
L
0.20
0.30
0.38
F
0.65BSC
P
0.52
0.65
0.72


Similar Part No. - SDT2P02

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDT2P03-C SECOS-SDT2P03-C Datasheet
516Kb / 4P
Dual-P Enhancement Mode MOSFET
More results

Similar Description - SDT2P02

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2305P_1108 SECOS-SMG2305P_1108 Datasheet
71Kb / 2P
-4.5A , -20V , RDS(ON) 43 m P-Channel Enhancement MOSFET
SMG2343 SECOS-SMG2343 Datasheet
1Mb / 4P
-4.1A , -30V , RDS(ON) 45 m P-Channel Enhancement Mode MOSFET
SMG5409 SECOS-SMG5409 Datasheet
1Mb / 4P
-2.6A , -30V , RDS(ON) 120 m P-Channel Enhancement Mode MOSFET
SSG4520H SECOS-SSG4520H_12 Datasheet
440Kb / 6P
N-Ch: 6.6A, 20V, RDS(ON) 47 m P-Ch: -5.2A, -20V, RDS(ON) 79 mN & P-Ch Enhancement Mode Power MOSFET
SSPS7321P SECOS-SSPS7321P Datasheet
525Kb / 4P
-13A , -20V , RDS(ON) 14 m P-Ch Enhancement Mode Power MOSFET
SST3585 SECOS-SST3585_12 Datasheet
654Kb / 7P
3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
STT3585 SECOS-STT3585_12 Datasheet
664Kb / 7P
3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
STT4443 SECOS-STT4443 Datasheet
678Kb / 4P
-2.3A , -30V , RDS(ON) 120 m P-Channel Enhancement Mode MOSFET
logo
Hi-Sincerity Mocroelect...
H2301N HSMC-H2301N Datasheet
93Kb / 4P
P-Channel Enhancement-Mode MOSFET (-20V, -2.2A)
logo
SeCoS Halbleitertechnol...
SDT3N03 SECOS-SDT3N03 Datasheet
343Kb / 4P
3.5A, 30V, RDS(ON) 55 m(ohm) Dual-N Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com