Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSG07P06 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG07P06
Description  P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG07P06 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG07P06 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG07P06 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG07P06 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG07P06 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSG07P06
-7A, -60V, RDS(O ) 40mΩ
Ω
Ω
Ω
P-Ch Enhancement Mode Power MOSFET
19-Apr-2017 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
H
B
M
D
C
J
K
F
L
E
N
G
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SSG07P06 is the highest performance
trench P-ch MOSFETs with extreme high cell
density , which provide excellent RDS(ON) and
gate charge for most of the synchronous buck
converter applications .
The SSG07P06 meet the RoHS and Green
Product requirement with full function reliability
approved.
FEATURES
Advanced High Cell Density Trench Technology
Super Low Gate Charge
Green Device Available
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8
2.5K
13’ inch
MAXIMUM RATINGS (T
A = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
±20
V
TA =25°C
-7
A
Continuous Drain Current @VGS=10V
1
TA =70°C
ID
-5.6
A
Pulsed Drain Current
2
IDM
-28
A
Total Power Dissipation
TA =25°C
PD
3.1
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Thermal Resistance Ratings
t≦10sec, 40
Thermal Resistance Junction-Ambient
1
Steady State, 105
Thermal Resistance Junction-Ambient
RθJA
125
Thermal Resistance Junction-Case
1
RθJC
30
°C / W
SOP-8
S
S
S
G
D
D
D
D
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
H
0.33
0.51
B
4.70
5.10
J
0.375 REF.
C
3.80
4.00
K
45°REF.
D
0°
8°
L
1.35
1.75
E
0.40
1.27
M
0.10
0.25
F
0.10
0.25
N
0.25 REF.
G
1.27 TYP.
07P06
= Date Code


Similar Part No. - SSG07P06

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG07N10J SECOS-SSG07N10J Datasheet
212Kb / 3P
N-Ch Enhancement Mode Power MOSFET
SSG07N10J-C SECOS-SSG07N10J-C Datasheet
282Kb / 3P
N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG07P06

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD30P06-45D SECOS-SSD30P06-45D Datasheet
354Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD50P03-09D SECOS-SSD50P03-09D Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4463P SECOS-SSG4463P Datasheet
625Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSRF50P04-16 SECOS-SSRF50P04-16 Datasheet
144Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD20P15 SECOS-SSD20P15_15 Datasheet
447Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4841P SECOS-SSG4841P_15 Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P_15 Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com