Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSG07P06 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG07P06
Description  P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG07P06 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG07P06 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG07P06 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG07P06 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG07P06 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSG07P06
-7A, -60V, RDS(O ) 40mΩ
Ω
Ω
Ω
P-Ch Enhancement Mode Power MOSFET
19-Apr-2017 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Drain-Source Breakdown Voltage
BVDSS
-60
-
-
V
VGS=0V, ID= -250uA
Gate Threshold Voltage
VGS(th)
-1
-
-2.5
V
VDS=VGS, ID= -250µA
Forward Transfer conductance
gfs
-
13
-
S
VDS= -5V, ID= -7A
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS=0V, VGS= ±20V
-
-
-1
µA
VDS= -48V, VGS=0V, TJ=25°C
Zero Gate Voltage Drain Current
IDSS
-
-
-25
µA
VDS= -48V, VGS=0V, TJ=125°C
-
33
40
VGS= -10V, ID= -7A
Drain-Source On-Resistance
3
RDS(ON)
-
45
50
m
VGS= -4.5V, ID= -5A
Total Gate Charge
Qg
-
38.7
-
Gate-Source Charge
Qgs
-
8.6
-
Gate-Drain (“Miller”) Charge
Qgd
-
9
-
nC
ID= -6.2A
VDS= -30V
VGS= -10V
Turn-On Delay Time
Td(on)
-
9.7
-
Rise Time
Tr
-
6.2
-
Turn-Off Delay Time
Td(off)
-
34
-
Fall Time
Tf
-
14.3
-
nS
VDD= -30V
ID= -6.2A
VGS= -10V
RG=3
RL=4.8
Input Capacitance
Ciss
-
1910
-
Output Capacitance
Coss
-
98.1
-
Reverse Transfer Capacitance
Crss
-
62.5
-
pF
VDS= -30V
VGS=0
f=1MHz
Source-Drain Diode
Diode Forward Voltage
3
VSD
-
-0.72
-1.2
V
VGS=0V , IS= -1A
Continuous Source Current
1
IS
-
-
-4.2
A
Pulsed Source Current
2
ISM
-
-
-16
A
Reverse Recovery Time
trr
-
32
-
nS
Reverse Recovery Charge
Qrr
-
44
-
nC
IF= -6.2A , dI/dt=100A/µs,TJ=25℃
Notes:
1.
Surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.
The power dissipation is limited by 150°C junction temperature.
3.
The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com