Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSG13P03 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG13P03
Description  P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG13P03 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG13P03 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG13P03 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG13P03 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG13P03 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSG13P03
-13 A, -30 V, RDS(ON) 15 mΩ
Ω
Ω
Ω
P-Ch Enhancement Mode Power MOSFET
21-Jul-2014 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
H
B
M
D
C
J
K
F
L
E
N
G
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SSG13P03 uses advanced trench technology to
provide excellent on-resistance, low gate charge and
operation with gate voltages as low as 2.5V. The device is
suitable for use as a load switch or in PWM applications.
It may be used in a common drain arrangement to from a
bidirectional blocking switch.
FEATURES
Simple Drive Requirement
Lower On-resistance
Low Gate Charge
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8
3K
13’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
TA = 25°C
-13
Continuous Drain Current @ VGS=10V
1
TA =70°C
ID
-8.2
A
Pulsed Drain Current
2
IDM
-50
A
Single Pulse Avalanche Energy
3
EAS
273
mJ
Avalanche Current
IAS
-42
A
Total Power Dissipation
4
TA = 25°C
P D
1.5
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Thermal Resistance Ratings
Thermal Resistance Junction-Ambient
1 (Max.)
RθJA
85
°C / W
Thermal Resistance Junction-Case
1 (Max.)
RθJC
50
°C / W
SOP-8
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
H
0.35
0.49
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D
0°
8°
L
1.35
1.75
E
0.40
0.90
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
13P03SC
= Date Code
S
S
S
G
D
D
D
D


Similar Part No. - SSG13P03

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
SSG13P03 DOINGTER-SSG13P03 Datasheet
1Mb / 5P
P-Channel MOSFET uses advanced trench technology
logo
SeCoS Halbleitertechnol...
SSG13P03-C SECOS-SSG13P03-C Datasheet
285Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG13P03 SECOS-SSG13P03_15 Datasheet
449Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG13P03

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD30P06-45D SECOS-SSD30P06-45D Datasheet
354Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD50P03-09D SECOS-SSD50P03-09D Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4463P SECOS-SSG4463P Datasheet
625Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSRF50P04-16 SECOS-SSRF50P04-16 Datasheet
144Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD20P15 SECOS-SSD20P15_15 Datasheet
447Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4841P SECOS-SSG4841P_15 Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P_15 Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com