Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSG13P03 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG13P03
Description  P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG13P03 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG13P03 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG13P03 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG13P03 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG13P03 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSG13P03
-13 A, -30 V, RDS(ON) 15 mΩ
Ω
Ω
Ω
P-Ch Enhancement Mode Power MOSFET
21-Jul-2014 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test condition
Static
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0V, ID= -250µA
Gate-Threshold Voltage
VGS(th)
-1
-
-2.5
V
VDS=VGS, ID = -250µA
Forward Transfer Conductance
Gfs
-
32
-
S
VDS= -5V, ID= -8A
Gate-Body Leakage
IGSS
-
-
±100
nA
VGS=±20V
TJ =25°C
-
-
-1
Drain-Source Leakage
Current
TJ =55°C
IDSS
-
-
-5
µA
VDS= -24V,VGS=0
-
-
15
VGS= -10V, ID = -8A
Drain-Source On-Resistance
2
RDS(ON)
-
-
20
m
VGS= -4.5V, ID = -6A
Total Gate Charge
Qg
-
21.8
-
Gate-Source Charge
Qgs
-
7.9
-
Gate-Drain (“Miller”) Charge
Qgd
-
6.5
-
nC
ID= -8A
VDS= -15V
VGS= -4.5V
Turn-On Delay Time
2
Td(on)
-
10
-
Rise Time
Tr
-
9.6
-
Turn-Off Delay Time
Td(off)
-
86
-
Fall Time
Tf
-
9.6
-
nS
VDS= -15V
ID= -8A
VGS= -10V
RG= 3.3
Input Capacitance
Ciss
-
2215
-
Output Capacitance
Coss
-
310
-
Reverse Transfer Capacitance
Crss
-
237
-
pF
VGS=0V
VDS= -15V
f=1.0MHz
Gate Resistance
RG
-
9
18
f=1.0MHz
Avalanche Characteristics
Single Pulse Avalanche Energy
5
EAS
63
-
-
mJ
VDD= -25V, L=0.1mH, IAS= -21A
Source-Drain Diode
Forward On Voltage
2
VDS
-
-
-1
V
IS= -1A, VGS=0V, TJ=25°C
Continuous Source Current
1.6
IS
-
-
-13
A
Pulsed Source Current
2.6
ISM
-
-
-50
A
VG= VD=0V
Force Current
Reverse Recovery Time
TRR
-
16
-
nS
Reverse Recovery Charge
QRR
-
8
-
nC
IF=-8A, dI/dt=100A/µs,
TJ=25°C
Notes:
1. surface mounted on a 1 inch2 FR-4 board with 2OZ copper. 125℃/W when mounted on Min. copper pad.
2. The data tested by pulsed , pulse width≦300us , duty cycle≦2%
3. The EAS data shows Max. rating . The test condition is VDD= -25V,VGS= -10V,L=0.1mH,IAS= -50A
4. The power dissipation is limited by 150℃ junction temperature
5. The Min. value is 100% EAS tested guarantee.
6. The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com