Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC3618 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC3618
Description  PWM Control 2A Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3618 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC3618 Datasheet HTML 1Page - E-CMOS Corporation EC3618 Datasheet HTML 2Page - E-CMOS Corporation EC3618 Datasheet HTML 3Page - E-CMOS Corporation EC3618 Datasheet HTML 4Page - E-CMOS Corporation EC3618 Datasheet HTML 5Page - E-CMOS Corporation EC3618 Datasheet HTML 6Page - E-CMOS Corporation EC3618 Datasheet HTML 7Page - E-CMOS Corporation EC3618 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EC3618
E-CMOS Corp. (www.ecmos.com.tw)
4K25N-Rev.F003
Page 1 of 8
PWM Control 2A Step-Down Converter
General Description
EC3618 consists of step-down switching regulator with PWM control. These devise include a reference voltage source,
oscillation circuit, error amplifier, internal PMOS and etc. EC3618 provides low-ripple power, high efficiency, and excellent
transient characteristics. The PWM control circuit is able to the duty ratio linearly form 0 up to 100%. This converter is build
out soft start function that prevents overshoot and inrush current at startup. An over current protect function and short circuit
protect function are built inside, and when OCP or SCP happens, the operation frequency will be reduced. An external
compensation is easily to system stable; the low ESR output capacitor can be used. With the addition of an internal P-
channel Power MOS, a coil, capacitors, and a diode connected externally, these ICs can function as step-down switching
regulators. They serve as ideal power supply units for portable devices when coupled with the SOP-8L with exposed pad
package, providing such outstanding features as low current consumption. Since this converter can accommodate an input
voltage up to 58V, it is also suitable for the operation via an AC adapter.
Features
- Input voltage:8V to 58V
- Output voltage:3.3V to 56V
- Duty ratio:0% to 100% PWM control
- Enable and Soft-Start function
- Current Limit, Short Circuit Protect (SCP) and Thermal Shutdown protection
- Built-in internal SW P-channel MOS.
- SOP-8L-EP Pb-Free package.
Block Diagram


Similar Part No. - EC3618

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
EC36 ECM-EC36 Datasheet
101Kb / 6P
Epoxy Coated Axial Chokes
logo
Ecliptek Corporation
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
OSCILLATOR
logo
Productwell Precision E...
EC36-100K PRODUCTWELL-EC36-100K Datasheet
103Kb / 5P
CONFORMAL COATED INDUCTORS
EC36-101K PRODUCTWELL-EC36-101K Datasheet
103Kb / 5P
CONFORMAL COATED INDUCTORS
EC36-120K PRODUCTWELL-EC36-120K Datasheet
103Kb / 5P
CONFORMAL COATED INDUCTORS
More results

Similar Description - EC3618

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1520 ANACHIP-AP1520 Datasheet
197Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.5 Apr 10, 2006
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1520 DIODES-AP1520 Datasheet
259Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
AP1534 DIODES-AP1534 Datasheet
170Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP5002 DIODES-AP5002 Datasheet
250Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3133 FOSLINK-FSP3133 Datasheet
219Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
AP1513 DIODES-AP1513_17 Datasheet
495Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
Rev 5
logo
SI-CORE CORP.
CX4060 SICORE-CX4060 Datasheet
416Kb / 9P
PWM Control 2A Step-Down Converter
Rev. 1.02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com