Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC3618 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC3618
Description  PWM Control 2A Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3618 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC3618 Datasheet HTML 1Page - E-CMOS Corporation EC3618 Datasheet HTML 2Page - E-CMOS Corporation EC3618 Datasheet HTML 3Page - E-CMOS Corporation EC3618 Datasheet HTML 4Page - E-CMOS Corporation EC3618 Datasheet HTML 5Page - E-CMOS Corporation EC3618 Datasheet HTML 6Page - E-CMOS Corporation EC3618 Datasheet HTML 7Page - E-CMOS Corporation EC3618 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EC3618
E-CMOS Corp. (www.ecmos.com.tw)
4K25N-Rev.F003
Page 2 of 8
PWM Control 2A Step-Down Converter
Pin Assignments
The package of EC3618 is SOP-8L-EP; the pin assignment is given by:
Ordering Information
Part Number
Package
Marking
Marking Information
EC3618NNMHR
EC3618ANMHR
SOP 8L
(Exposed Pad)
EC3618
LLLLL
YYWWX
1.
LLLLL:Lot No.
2.
YY:Year ;Ex: 2012=12、2013=13
3.
WW:Week;01~52 weeks
4.
X:N=120KHz ;A=250 KHz
Name
Description
EN
ON/OFF Shutdown pin
VSS
GND pin
VGATE
Driver GATE clamping pin. The
pin must connect a 0.1uF capacitor
to VCC
VCC
IC power supply pin
SW
Switch pin. Connect external
inductor and diode here.
FB
Feedback pin
COMP
Compensation pin
SS
Soft-start pin
EC3618XN XX
X
MH : SOP 8L (Exposed Pad)
N:
:
:
: 120 KHz
A:
:
:
: 250 KHz
R:
:
:
: Tape & Reel
T:
:
:
: Tube



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com