Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7616-PBSTZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD7616-PBSTZ
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616-PBSTZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7616-PBSTZ Datasheet HTML 28Page - Analog Devices AD7616-PBSTZ Datasheet HTML 29Page - Analog Devices AD7616-PBSTZ Datasheet HTML 30Page - Analog Devices AD7616-PBSTZ Datasheet HTML 31Page - Analog Devices AD7616-PBSTZ Datasheet HTML 32Page - Analog Devices AD7616-PBSTZ Datasheet HTML 33Page - Analog Devices AD7616-PBSTZ Datasheet HTML 34Page - Analog Devices AD7616-PBSTZ Datasheet HTML 35Page - Analog Devices AD7616-PBSTZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Data Sheet
AD7616-P
Rev. 0 | Page 31 of 46
Figure 55. Software Mode Sequencer Configuration
To configure and enable the sequencer, it is recommended to
complete the following procedure (see Figure 55):
1. Configure the analog input range for the required analog
input channels.
2. Program the sequencer stack registers to select the
channels for the sequence.
3. Set the SSRENx bit in the last required sequence step.
4. Set the SEQEN bit in the configuration register.
5. Provide a dummy CONVST pulse.
6. Cycle through CONVST pulses and conversion reads to step
through each element of the sequencer stack.
The sequence automatically restarts from the first element in
the sequencer stack with the next CONVST pulse.
Following a partial reset, the sequencer pointer is repositioned
to the first layer of the stack, but the register programmed
values remain unchanged.
BURST SEQUENCER
Burst mode avoids generating a CONVST pulse for each step in
a sequence of conversions. One CONVST pulse converts every
step in the sequence.
The burst sequencer is an additional feature that works in
conjunction with the sequencer. If the burst function is enabled,
one CONVST pulse initiates a conversion of all the channels
configured in the sequencer. The burst function avoids generating
a CONVST pulse for each step in a sequence of conversions, as
is the case when the burst function is disabled.
Configuration of the burst function varies depending on the
mode of operation: hardware or software mode. See the Hardware
Mode Burst section and the Software Mode Burst section for
specific details on configuring the burst function in each mode.
When configured, the burst sequence is initiated at the rising
edge of CONVST. The BUSY pin goes high to indicate that a
conversion is in progress. The BUSY pin remain highs until all
conversions in the sequence are complete. The conversion
results are available for readback after the BUSY pin goes low.
The number of data reads required to read all the data in the burst
sequence is dependent on the length of the sequence configured.
The conversion results are presented on the parallel data bus in
the same order as the programmed sequence.
The throughput rate of the AD7616-P is limited in burst mode
and dependent on the length of the sequence. Each channel pair
requires an acquisition, conversion, and readback time. The
time taken to complete a sequence with number of channel
pairs, N, is estimated by
tBURST = (tCONV + 25 ns) + (N – 1)(tACQ + tCONV) + N(tRB)
where:
tCONV is the typical conversion time.
tACQ is typical acquisition time.
tRB is the time required to read back the conversion results.
Hardware Mode Burst
Burst mode is enabled in hardware mode by setting the WR/
BURST pin to 1. The SEQEN pin must also be set to 1 to enable the
sequencer.
In hardware mode, the burst sequencer is controlled by the BURST,
SEQEN, and CHSELx pins. The burst sequencer is enabled or
disabled when the AD7616-P is released from full reset. The
logic level of the SEQEN pin and the BURST pin when
the RESET pin is released determines whether the burst
sequencer is enabled or disabled. After the RESET pin is
released, the burst sequencer function is fixed and a full reset
via the RESET pin is required to exit the function and set up an
alternative configuration.
When the burst sequencer is enabled, the logic levels of the
CHSELx pins determine the channels selected for conversion in the
burst sequence. The CHSELx pins at the time RESET is released
determine the initial settings for the channels to convert in the
burst sequence. To reconfigure the channels selected for conver-
sion after a reset, set the CHSELx pins to the required setting
for the duration of the next BUSY pulse (see Figure 56 for
further details).
Software Mode Burst
In software mode, the burst function is enabled by setting the
BURSTEN bit in the configuration register to 1. This action
must be performed when setting the SEQEN bit in the
configuration register as outlined in the steps described in the
Software Mode Sequencer section to configure the sequencer
(see Figure 57 for additional information).
RESET
CONVST
BUSY
REGISTER
SETUP
A/B0
S0
S1
Sn – 1
Sn
S0
DATA
INITIAL SETUP
SEQUENCE START
DUMMY CONVERSION
SEQUENCE START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com