Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7616-PBSTZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD7616-PBSTZ
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616-PBSTZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7616-PBSTZ Datasheet HTML 18Page - Analog Devices AD7616-PBSTZ Datasheet HTML 19Page - Analog Devices AD7616-PBSTZ Datasheet HTML 20Page - Analog Devices AD7616-PBSTZ Datasheet HTML 21Page - Analog Devices AD7616-PBSTZ Datasheet HTML 22Page - Analog Devices AD7616-PBSTZ Datasheet HTML 23Page - Analog Devices AD7616-PBSTZ Datasheet HTML 24Page - Analog Devices AD7616-PBSTZ Datasheet HTML 25Page - Analog Devices AD7616-PBSTZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Data Sheet
AD7616-P
Rev. 0 | Page 21 of 46
THEORY OF OPERATION
CONVERTER DETAILS
The AD7616-P is a DAS that employs a high speed, low power,
charge redistribution, SAR ADC, and allows dual simultaneous
sampling of 16 analog input channels. The analog inputs on the
AD7616-P can accept true bipolar input signals. Analog input
range options include ±10 V, ±5 V, and ±2.5 V. The AD7616-P
operates from a single 5 V supply.
The AD7616-P contains input clamp protection, input signal
scaling amplifiers, a first-order antialiasing filter, an on-chip
reference, a reference buffer, a dual high speed ADC, a digital
filter, a flexible sequencer, and a high speed parallel interface.
The AD7616-P can be operated in hardware or software mode
by controlling the HW_RNGSELx pins. In hardware mode, the
AD7616-P is configured by pin control. In software mode, the
AD7616-P is configured by the control registers accessed via the
parallel interface.
ANALOG INPUT
Analog Input Channel Selection
The AD7616-P contains dual, simultaneous sampling, 16-bit
ADCs. Each ADC has eight analog input channels for a total of
16 analog input channels. Additionally, the AD7616-P has on-chip
diagnostic channels to monitor the VCC supply and an on-chip
adjustable LDO regulator. Channels can be selected for conversion
by using the CHSELx pins in hardware mode or via the channel
register control in software mode. Software mode is required to
sample the diagnostic channels. Channels can be selected dynami-
cally or the AD7616-P has an on-chip sequencer to allow the
channels for conversion to be preprogrammed. In hardware mode,
simultaneous sampling is limited to the corresponding ADC A
and ADC B analog input channels. For example, Channel V0A
is always sampled with Channel V0B. In software mode, it is
possible to select any ADC A channel with any ADC B channel
for simultaneous sampling.
Analog Input Ranges
The AD7616-P can handle true bipolar, single-ended input
voltages. The logic levels on the range select pins, HW_RNGSEL0
and HW_RNGSEL1, determine the analog input range of all
analog input channels. If both range select pins are tied to a
logic low, the analog input range is determined in software mode
via the input range registers (see the Register Summary section
for more details). In software mode, it is possible to configure
an individual analog input range per channel.
Table 7. Analog Input Range Selection
Analog Input Range
HW_RNGSEL1
HW_RNGSEL0
Configured via the Input
Range Registers
0
0
±2.5 V
0
1
±5 V
1
0
±10 V
1
1
In hardware mode, a logic change on these pins has an immediate
effect on the analog input range; however, there is typically a
settling time of approximately 120 µs in addition to the normal
acquisition time requirement. The recommended practice is to
hardwire the range select pins according to the desired input
range for the system signals.
Analog Input Impedance
The analog input impedance of the AD7616-P is 1 MΩ, a fixed
input impedance that does not vary with the AD7616-P sampling
frequency. This high analog input impedance eliminates the need
for a driver amplifier in front of the AD7616-P, allowing direct
connection to the source or sensor.
Analog Input Clamp Protection
Figure 40 shows the analog input circuitry of the AD7616-P.
Each analog input of the AD7616-P contains clamp protection
circuitry. Despite single 5 V supply operation, this analog input
clamp protection allows an input overvoltage of between −20 V
and +20 V.
Figure 40. Analog Input Circuitry
Figure 41 shows the input clamp current vs. source voltage
characteristic of the clamp circuit. For source voltages between
−20 V and +20 V, no current flows in the clamp circuit. For input
voltages that are greater than +20 V and less than −20 V, the
AD7616-P clamp circuitry turns on.
Figure 41. Input Protection Clamp Profile, Input Clamp Current vs. Source Voltage
Place a series resistor on the analog input channels to limit the
current to ±10 mA for input voltages greater than +20 V and less
than −20 V. In an application where there is a series resistance
on an analog input, VxA or VxB, a corresponding resistance is
required on the analog input ground channel, VxAGND or
VxBGND (see Figure 42). If there is no corresponding resistor on
1MΩ
CLAMP
Vxx
1MΩ
CLAMP
VxxGND
FIRST-
ORDER
LPF
RFB
RFB
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
–30
–20
–10
0
10
20
30
SOURCE VOLTAGE (V)
POWERED OFF
POWERED ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com