Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9625-2.0EBZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD9625-2.0EBZ
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625-2.0EBZ Datasheet(HTML) 2 Page - Analog Devices

  AD9625-2.0EBZ Datasheet HTML 1Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 2Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 3Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 4Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 5Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 6Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 7Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 8Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
AD9625* PRODUCT PAGE QUICK LINKS
Last Content Update: 03/25/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
EVALUATION KITS
• 2 AD9625 ADC’s running at 2.5GSPS with an effective
sampling rate of 5GSPS
• AD9625 Evaluation and Synchronization
• AD9625 Evaluation Board
• ADA4961 & AD9625 Analog Signal Chain Evaluation and
Converter Synchronization
• ADL5567 & AD9625 Analog Signal Chain Evaluation and
ADF4355-2 Wideband Synthesizer with VCO
DOCUMENTATION
Data Sheet
• AD9625: 12-Bit, 2.6 GSPS/2.5 GSPS/2.0 GSPS, 1.3 V/2.5 V
Analog-to-Digital Converter Data Sheet
User Guides
• AD-FMCADC2-EBZ FMC Board User Guide
TOOLS AND SIMULATIONS
• Visual Analog
• AD9625 AMI Model
REFERENCE MATERIALS
Informational
• JESD204 Serial Interface
Press
• 2.6-GHz A/D Converter in High-Reliability Package Meets
Specific Sample Rate and Dynamic Range Requirements
of Aerospace/Defense Applications
• Analog Devices Unveils 2.5-GSPS A/D Converter, Driver
Amplifier and Rapid Prototyping FMC Module
• Global Leader in Converter Technology Releases
Industry’s Highest Performing 2-GSPS Data Converter
• New PLLs Deliver Widest Frequency Range Coverage and
Lowest VCO Phase Noise in a Single Device
Technical Articles
• A Test Method for Synchronizing Multiple GSPS
Converters
• Designing High Speed Analog Signal Chains from DC to
Wideband
• MS-2660: Understanding Spurious-Free Dynamic Range in
Wideband GSPS ADCs
• MS-2670-1: The Demand for Digital: Challenges and
Solutions for High Speed Analog-to-Digital Converters
and Radar Systems
• MS-2672: JESD204B Subclasses - Part 1: An Introduction to
JESD204B Subclasses and Deterministic Latency
• MS-2677: JESD204B Subclasses - Part 2: Subclass 1 vs.
Subclass 2 System Considerations
• MS-2702: Gigasample ADCs Run Fast to Solve New
Challenges
• MS-2708: GSPS Data Converters to the Rescue for
Electronics Surveillance and Warfare Systems
• MS-2714: Understanding Layers in the JESD204B
Specificaton: A High Speed ADC Perspective, Part 1
• MS-2728: Demystifying the Conversion Error Rate of High
Speed ADCs
• MS-2735: Maximizing the Dynamic Range of Software-
Defined Radio
• Taming the Wideband Conundrum with RF Sampling
ADCs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com