Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9625-2.0EBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9625-2.0EBZ
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625-2.0EBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9625-2.0EBZ Datasheet HTML 18Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 19Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 20Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 21Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 22Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 23Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 24Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 25Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 20 of 72
AD9625-2.5
For the AD9625-2.5 model, full-scale range used is 1.2 V.
0
–120
–100
–80
–60
–40
–20
0
250
500
750
1000
1250
FREQUENCY (MHz)
2500MSPS
1816.7MHz AT –1.0dBFS
SNR = 57.1dBFS
SFDR = 80.35dBc
Figure 25. FFT Plot at 2.5 GSPS, fIN = 1816.7 MHz at AIN (SFDR = 80.35 dBc,
SNR = 57.1 dBFS)
0
–120
–100
–80
–60
–40
–20
0
250
500
750
1000
1250
FREQUENCY (MHz)
2500MSPS
730.3MHz AT –1.0dBFS
SNR = 57.8dBFS
SFDR = 77.1dBc
Figure 26. FFT Plot at 2.5 GSPS, fIN = 730.3 MHz at AIN (SFDR = 77.1 dBc,
SNR = 57.8 dBFS)
0
–120
–100
–80
–60
–40
–20
0
250
500
750
1000
1250
FREQUENCY (MHz)
2500MSPS
115.05MHz AT –1.0dBFS
SNR = 58.1dBFS
SFDR = 78.4dBc
Figure 27. FFT Plot at 2.5 GSPS, fIN = 115.05 MHz at AIN (SFDR = 78.4 dBc,
SNR = 58.1 dBFS)
0
–120
–100
–80
–60
–40
–20
0
250
500
750
1000
1250
FREQUENCY (MHz)
2500MSPS
2990.11MHz AT –1.0dBFS
SNR = 55.3dBFS
SFDR = 70.6dBc
Figure 28. FFT Plot at 2.5 GSPS, fIN = 2990.11 MHz at AIN (SFDR = 70.6 dBc,
SNR = 55.3 dBFS) (Input Network in Figure 75 Used)
–140
–150
–148
–146
–144
–142
0
1000
2000
3000
4000
5000
6000
INPUT FREQUENCY (MHz)
Figure 29. Noise Specrtal Density (NSD) vs. AIN at 2.5 GSPS (Input Network in
Figure 76 Used <2 GHz, Input Network in Figure 75 Used >2 GHz)
100
90
80
70
60
50
40
30
20
10
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
AMPLITUDE (dB)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dB)
Figure 30. SNR/SFDR vs. Analog Input Amplitude at 2.5 GSPS, fIN = 241 MHz
at AIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com