Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC107AVZFU100L Datasheet(PDF) 9 Page - ATMEL Corporation

Part # PC107AVZFU100L
Description  PCI Bridge Memory Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC107AVZFU100L Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button PC107AVZFU100L Datasheet HTML 5Page - ATMEL Corporation PC107AVZFU100L Datasheet HTML 6Page - ATMEL Corporation PC107AVZFU100L Datasheet HTML 7Page - ATMEL Corporation PC107AVZFU100L Datasheet HTML 8Page - ATMEL Corporation PC107AVZFU100L Datasheet HTML 9Page - ATMEL Corporation PC107AVZFU100L Datasheet HTML 10Page - ATMEL Corporation PC107AVZFU100L Datasheet HTML 11Page - ATMEL Corporation PC107AVZFU100L Datasheet HTML 12Page - ATMEL Corporation PC107AVZFU100L Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
9
PC107A [Preliminary]
2137C–HIREL–03/04
Notes:
1. This pin has an internal pull-up resistor which is enabled only when the PC107A is in the reset state. The value of the inter-
nal pull-up resistor is not guaranteed, but is sufficient to ensure that a logic "1" is read into configuration bits during reset.
2. This pin is a reset configuration pin.
3. MDL[0] is a reset configuration pin and has an internal pull-up resistor which is enabled only when the MPC107 is in the
reset state.The value of the internal pull-up resistor is not guaranteed, but is sufficient to insure that a logic '1' is read into
configuration bits during reset.
4. Multi-pin signals such as AD[0–31] or DL[0–31] have their physical package pin numbers listed in order corresponding to the
signal names. Ex: AD0 is on pin D21, AD1 is on pin D23,... AD31 is on pin N23.
5. SDMA[10–1] are reset configuration pins and have internal pull-up resistors which are enabled only when the MPC107 is in
the reset state.The values of the internal pull-up resistors is not guaranteed, but are sufficient to ensure that logic "1"s are
read into the configuration bits during reset.
6. Recommend a weak pull-up resistor (2 k
Ω– 10 kΩ) be placed on this PCI control pin to LV
DD.
7. VIH and VIL for these signals are the same as the PCI VIH and VIL entries in Table 7, “DC Electrical Specifications.”
8. Recommend a weak pull-up resistor (2 k
Ω – 10 kΩ) be placed on this pin to OV
DD.
9. Recommend a weak pull-up resistor (2 k
Ω – 10 kΩ) be placed on this pin to GV
DD.
10. This pin has an internal pull-up resistor; the value of the internal pull-up resistor is not guaranteed, but is sufficient to prevent
unused inputs from floating.
11. This pin is affected by programmable PCI_HOLD_DEL parameter, see “PCI Signal Output Hold Timing” on page 29.”
12. This pin is an open drain signal.
13. This pin is a sustained tri-state pin as defined by the PCI Local Bus Specification.
14. See “Connection Recommendations” on page 43 for additional information on this pin.
15. A weak pull-up resistor is recommend (2 k
Ω – 10 kΩ) to be placed on this pin to BV
DD.
16. If BV
DD = 2.5V ±5%, this microprocessor interface pin needs to be DC voltage level shifted from OVDD (3.3 ±0.3V) to 2.5V
±5%; this can typically be accomplished with a two resistor voltage divider circuit since the signal is an output only signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com