Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC107AVZFU100L Datasheet(PDF) 21 Page - ATMEL Corporation

Part # PC107AVZFU100L
Description  PCI Bridge Memory Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC107AVZFU100L Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button PC107AVZFU100L Datasheet HTML 17Page - ATMEL Corporation PC107AVZFU100L Datasheet HTML 18Page - ATMEL Corporation PC107AVZFU100L Datasheet HTML 19Page - ATMEL Corporation PC107AVZFU100L Datasheet HTML 20Page - ATMEL Corporation PC107AVZFU100L Datasheet HTML 21Page - ATMEL Corporation PC107AVZFU100L Datasheet HTML 22Page - ATMEL Corporation PC107AVZFU100L Datasheet HTML 23Page - ATMEL Corporation PC107AVZFU100L Datasheet HTML 24Page - ATMEL Corporation PC107AVZFU100L Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
21
PC107A [Preliminary]
2137C–HIREL–03/04
Electrical
Characteristics
This section provides the AC and DC electrical specifications and thermal characteris-
tics for the PC107A.
Static Characteristics
DC Electrical Specification
Table 7 provides the DC electrical characteristics for the PC107A.
At recommended operating conditions (see Table 3 on page 12)
Notes:
1. These specifications are for the default driver strengths indicated in Table 8 on page 22.
2. See Figure 23 on page 35 for pins with internal pull-up resistors.
3. The minimum Input high voltage is not compliant with the PCI Local Bus Specification (Rev 2.1) which specifies 0.5*OV
DD for
minimum input high voltage.
4. Leakage current is measured on input pins and on output pins in the high impedance state. The leakage current is mea-
sured for nominal OV
DD/LVDD and VDD or both OvDD/LVDD and VDD must vary in the same direction.
5. See Table 8 on page 22 for the typical drive capability of a specific signal pin based upon the type of output driver associ-
ated with that pin as listed in Table 1 on page 5.
6. Capacitance is periodically sampled rather than 100% tested.
Table 7. DC Electrical Specifications
Characteristics
Conditions(1)
Symbol
Value
Unit
Min
Max
Input High Voltage(2)(3)
PCI only
VIH
0.65*OVDD
(3)
LVDD
V
Input Low Voltage
PCI only
VIL
–0.3*OVDD
V
Input High Voltage(2)
All other pins (GV
DD = 3.3V)
V
IH
2.0
–
V
Input High Voltage(2)
All other pins (BVDD = 2.5V)
VIH
1.7
–
V
Input Low Voltage
All inputs except PCI_SYNC_IN
VIL
GND
0.8
V
PCI_SYNC_IN Input High Voltage
CV
IH
2.4
–
V
PCI_SYNC_IN Input Low Voltage
CVIL
GND
0.4
V
Input Leakage Current for pins
using DRV_PCI driver(4)
0.5V
≤ V
IN ≤ 2.7V
at LVDD = 4.75
I
L
–
± 70
µA
Input Leakage Current all others(4)
LVDD = 3.6V (GVDD ≤ 3.465)
IL
–
± 10
µA
Output High Voltage(5)
I
OH = Driver Dependent
(5) (GV
DD = 3.3V)
V
OH
2.4
–
V
Output Low Voltage(5)
IOL = Driver Dependent
(5) (GV
DD = 3.3V)
VOL
–0.4
V
Output High Voltage(5)
I
OH = Driver Dependent
(5) (BV
DD = 2.5V)
All outputs except CPU_CLKS[0-2]
VOH
1.85
–
V
IOH = Driver Dependent
(5) (BV
DD = 2.5V)
CPUCLKS[0-2] Only
V
OH
2.0
–
V
Output Low Voltage(5)
I
OL = Driver Dependent
(5) (BV
DD = 2.5V)
All outputs except CPU_CLK[0-2]
V
OL
–0.4
V
I
OL = Driver Dependent
(5) (BV
DD = 2.5V)
CPU_CLK[0-2] Only
VOL
–0.3
V
Capacitance(6)
VIN = 0V, f = 1 MHz
CIN
–7.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com