| Electronic Components Datasheet Search |
|
PIC12CE67X Datasheet(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12CE67X Datasheet(HTML) 30 Page - Microchip Technology |
|
30 / 116 page ![]() PIC12CE67X DS40181B-page 30 Preliminary © 1998 Microchip Technology Inc. 6.5 READ OPERATIONS Read operations are initiated in the same way as write operations with the exception that the R/W bit of the EEPROM address is set to one. There are three basic types of read operations: current address read, random read, and sequential read. 6.5.1 CURRENT ADDRESS READ It contains an address counter that maintains the address of the last word accessed, internally incre- mented by one. Therefore, if the previous read access was to address n, the next current address read opera- tion would access data from address n + 1. Upon receipt of the EEPROM address with the R/W bit set to one, the EEPROM issues an acknowledge and trans- mits the eight bit data word. The processor will not acknowledge the transfer but does generate a stop condition and the EEPROM discontinues transmission (Figure 6-6). 6.5.2 RANDOM READ Random read operations allow the processor to access any memory location in a random manner. To perform this type of read operation, first the word address must be set. This is done by sending the word address to the EEPROM as part of a write operation. After the word address is sent, the processor generates a start condi- tion following the acknowledge. This terminates the write operation, but not before the internal address pointer is set. Then the processor issues the control byte again but with the R/W bit set to a one. It will then issue an acknowledge and transmits the eight bit data word. The processor will not acknowledge the transfer but does generate a stop condition and the EEPROM discontinues transmission (Figure 6-7). After this com- mand, the internal address counter will point to the address location following the one that was just read. 6.5.3 SEQUENTIAL READ Sequential reads are initiated in the same way as a ran- dom read except that after the device transmits the first data byte, the processor issues an acknowledge as opposed to a stop condition in a random read. This directs the EEPROM to transmit the next sequentially addressed 8-bit word (Figure 6-8). To provide sequential reads, it contains an internal address pointer which is incremented by one at the completion of each read operation. This address pointer allows the entire memory contents to be serially read during one operation. FIGURE 6-6: CURRENT ADDRESS READ FIGURE 6-7: RANDOM READ FIGURE 6-8: SEQUENTIAL READ BUS ACTIVITY PROCESSOR SDA LINE BUS ACTIVITY P S S T O P CONTROL BYTE S T A R T DATA A C K N O A C K 1 1 0 0 X X X 1 X = Don’t Care Bit P BUS ACTIVITY PROCESSOR SDA LINE BUS ACTIVITY S T A R T S T O P CONTROL BYTE A C K WORD ADDRESS (n) CONTROL BYTE S T A R T DATA (n) A C K A C K N O A C K X X X X S 1 1 0 0 X X X 0 S 1 1 0 0 X X X 1 X = Don’t Care Bit P BUS ACTIVITY PROCESSOR SDA LINE BUS ACTIVITY S T O P CONTROL BYTE A C K N O A C K DATA n DATA n + 1 DATA n + 2 DATA n + X A C K A C K A C K |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |