Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC9526A76FSR Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC9526A76FSR
Description  One-cell Li-ion/Li-polymer battery protection IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9526A76FSR Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC9526A76FSR Datasheet HTML 1Page - E-CMOS Corporation EC9526A76FSR Datasheet HTML 2Page - E-CMOS Corporation EC9526A76FSR Datasheet HTML 3Page - E-CMOS Corporation EC9526A76FSR Datasheet HTML 4Page - E-CMOS Corporation EC9526A76FSR Datasheet HTML 5Page - E-CMOS Corporation EC9526A76FSR Datasheet HTML 6Page - E-CMOS Corporation EC9526A76FSR Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
One-cell Li-ion/Li-polymer
battery protection IC
EC9526
E-CMOS Corp. (www.ecmos.com.tw)
4C12N-Rev.P001
Page 5 of 7
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, Topr=+25℃
Parameter
Symbol
Conditions
Min.
Typ.
Max.
unit
INPUT/OUTPUT VOLTAGE
Operating input voltage
VDD1
VDD-VSS
1.5
-
5.5
V
Maximum forbidden voltage for 0V charging※
Vst
"Prohibition" function
0.6
0.9
1.2
V
Minimum operating voltage for 0V charging※
Vst
"Permission" function
-
-
1.2
V
COUT pin Nch ON voltage
Vol1
Iol=30uA, VDD=4.5V
-
0.4
0.5
V
COUT pin Pch ON voltage
Voh1
Ioh=-30uA,
3.4
3.7
-
V
DOUT pin Nch ON voltage
Vol2
Iol=30uA, VDD=2.0V
-
0.2
0.5
V
DOUT pin Pch ON voltage
Voh2
Ioh=-30uA,
3.4
3.7
-
V
CURRENT CONSUMPTION
Current consumption
Idd
VDD=3.9V, V-=0V
-
3.0
5.5
uA
Current consumption at stand-by
Is
-
-
0.1
uA
DETECTION/RELEASE VOLTAGE
Overcharge detection voltage
Vdet1
Ta=+25℃
Typ-0.020
Vdet1
Typ+0.020
V
Overcharge detection voltage
Vdet1
Ta=-5~+60℃
Typ-0.025
Vdet1
Typ+0.025
V
Overcharge release voltage※2
Vrel1
Vdet1
≠Vrel1
Typ-0.030
Vrel1
Typ+0.030
V
Overdischarge detection voltage
Vdet2
Typ-0.035
Vdet2
Typ+0.035
V
Overdischarge release voltage※3
Vrel2
Vdet2
≠Vrel2
Typ-0.10
Vrel2
Typ+0.100
V
Discharging overcurrent detection voltage
Vdet3
Typ-0.010
Vdet3
Typ+0.010
V
Charging overcurrent detection voltage
Vdet4
Typ-0.020
Vdet4
Typ+0.020
V
Short detection voltage
Vshort
0.4
0.5
0.6
V
DETECTION DELAY TIME
Overcharge detection delay time
tVdet1
Typ*0.8
tVdet1
Typ*1.2
s
Overdischarge detection delay time
tVdet2
Typ*0.8
tVdet2
Typ*1.2
ms
Discharging overcurrent detection delay time
tVdet3
Typ*0.8
tVdet3
Typ*1.2
ms
Charging overcurrent detection delay time
tVdet4
Typ*0.8
tVdet4
Typ*1.2
ms
Short detection delay time
tshort
Typ*0.8
tshort
Typ*1.2
us
※1 0V battery charge function is selected from "Prohibition" or "Permission".
※2 There is occasion as follows of two kinds of release condition from the overcharge status.
a) In the case that the V- pin voltage is lower than the discharging overcurrent detection voltage (Vdet4), EC9526 releases the
overcharge status when the battery voltage falls below the overcharge release voltage(Vrel1).
b) In the case that the V- pin voltage is higher than or equal to the discharging overcurrent detection voltage (Vdet4), EC9526
releases the overcharge status when the battery voltage falls below the overcharge detection voltage (Vdet1).This is a hysteresis
cancellation function.
※3 The release condition from the overdischarge status is that the charger is connected and the V- pin voltage is lower than the
discharging overcurrent detection voltage (Vdet3), and the battery voltage rise more then the overdischarge release voltage(Vrel2).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com