Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC9526A76FSR Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC9526A76FSR
Description  One-cell Li-ion/Li-polymer battery protection IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9526A76FSR Datasheet(HTML) 6 Page - E-CMOS Corporation

  EC9526A76FSR Datasheet HTML 1Page - E-CMOS Corporation EC9526A76FSR Datasheet HTML 2Page - E-CMOS Corporation EC9526A76FSR Datasheet HTML 3Page - E-CMOS Corporation EC9526A76FSR Datasheet HTML 4Page - E-CMOS Corporation EC9526A76FSR Datasheet HTML 5Page - E-CMOS Corporation EC9526A76FSR Datasheet HTML 6Page - E-CMOS Corporation EC9526A76FSR Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
One-cell Li-ion/Li-polymer
battery protection IC
EC9526
E-CMOS Corp. (www.ecmos.com.tw)
4C12N-Rev.P001
Page 6 of 7
BLOCK DIAGRAM / TYPICAL APPLICATION CIRCUIT
R1 and C1 stabilize a supply voltage ripple. However, the detection voltage rises by the current of penetration in IC of the
voltage detection when R1 is enlarged, and the value of R1 is adjusted to 1kohm or less. Moreover, adjust the value of C1
to 0.01uF or more to do the stability operation, please.
R1 and R2 resistors are current limit resistance if a charger is connected reversibly or a high-voltage charger that exceeds
the absolute maximum rating is connected. R1 and R2 may cause a power consumption will be over rating of power
dissipation, therefore the `R1+R2` should be more than 1kohm. Moreover, if R2 is too enlarged, the charger connection
release cannot be occasionally done after the overdischarge is detected, so adjust the value of R2 to 10kohm or less,
please.
C2 and C3 capacitors have effect that the system stability about voltage ripple or extraneous noise. After check
characteristics, decide that these capacitors should be inserted or not, where should be inserted, and capacitance value,
please.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com