Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALN2046R2 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN2046R2
Description  Internally Matched LNA Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN2046R2 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN2046R2 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN2046R2 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN2046R2 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN2046R2 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ALN2046R2 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ALN2046R2 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ALN2046R2 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ALN2046R2 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
www.asb.co.kr
June 2017
plerowTM ALN2046R2
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
4.5
-20.59
-10.17
21.99
1.97
0.964
21.33
34.00
72
4.6
-21.20
-10.18
22.09
1.98
0.965
21.53
35.05
78
4.7
-21.75
-10.20
22.18
1.98
0.967
21.71
36.01
85
4.8
-22.23
-10.22
22.25
1.87
0.970
21.89
36.97
92
4.9
-22.74
-10.22
22.31
1.98
0.972
22.06
37.68
99
5.0
-23.17
-10.24
22.35
1.98
0.975
22.21
38.33
107
5.1
-23.49
-10.19
22.39
1.98
0.989
22.35
38.98
114
5.2
-23.78
-10.17
22.42
1.99
1.013
22.51
39.21
121
5.3
-24.05
-10.14
22.44
1.98
1.031
22.62
39.30
128
5.4
-24.25
-10.12
22.45
1.98
1.054
22.77
39.40
135
5.5
-24.42
-10.09
22.45
1.98
1.066
22.91
39.64
142
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
C
-19.95
-9.61
22.71
1.94
0.673
22.37
37.34
91
- 20
C
-20.27
-9.57
22.85
1.98
0.758
22.27
37.58
94
0
C
-20.69
-9.44
22.47
1.97
0.858
22.19
37.90
98
25
C
-21.29
-9.31
22.28
1.98
0.935
21.95
38.04
101
40
C
-21.32
-9.18
22.28
1.99
1.036
21.79
38.15
103
60
C
-21.54
-9.04
22.14
2.00
1.117
21.45
37.96
105
80
C
-21.61
-9.12
22.03
1.98
1.226
21.23
37.75
106
100
C
-21.81
-9.09
21.80
2.00
1.355
21.01
36.22
105
RF Performance with Voltage Change
RF Performance with Operating Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com