Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALN2046R2 Datasheet(PDF) 7 Page - Advanced Semiconductor Business Inc.

Part # ALN2046R2
Description  Internally Matched LNA Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN2046R2 Datasheet(HTML) 7 Page - Advanced Semiconductor Business Inc.

  ALN2046R2 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN2046R2 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN2046R2 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN2046R2 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ALN2046R2 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ALN2046R2 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ALN2046R2 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ALN2046R2 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
www.asb.co.kr
June 2017
plerowTM ALN2046R2
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
4.5
-22.08
-10.38
21.24
0.18
0.922
21.37
34.45
72
4.6
-22.94
-10.37
21.34
0.18
0.928
21.58
35.45
78
4.7
-23.62
-10.40
21.42
0.18
0.935
21.74
36.42
85
4.8
-24.35
-10.40
21.50
0.19
0.940
21.92
37.32
92
4.9
-25.01
-1042
21.55
0.18
0.946
22.06
38.05
99
5.0
-25.55
-10.43
21.59
0.18
0.953
22.23
38.53
107
5.1
-26.08
-10.43
21.63
0.18
0.964
22.38
38.97
114
5.2
-26.74
-10.36
21.65
0.18
0.972
22.51
39.24
121
5.3
-27.11
-10.34
21.67
0.19
0.985
22.64
39.37
128
5.4
-27.53
-10.32
21.68
0.18
0.998
22.76
39.54
135
5.5
-27.67
-10.27
21.68
0.18
1.017
22.88
39.68
142
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
C
-20.05
-9.82
21.97
0.18
0.689
22.52
37.39
91
- 20
C
-20.31
-9.62
21.84
0.18
0.763
22.35
37.80
94
0
C
-20.59
-9.48
21.74
0.19
0.871
22.26
37.98
98
25
C
-21.41
-9.37
21.54
0.18
0.944
22.11
38.02
101
40
C
-21.47
-9.22
21.53
0.19
1.031
212.87
38.05
103
60
C
-21.70
-9.10
21.39
0.19
1.130
21.60
37.78
105
80
C
-21.85
-9.08
21.29
0.18
1.242
21.33
37.54
106
100
C
-22.07
-9.07
21.04
0.17
1.382
21.09
36.15
105
RF Performance with Voltage Change
RF Performance with Operating Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com