Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9480-LVDS/PCB3 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9480-LVDS/PCB3
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480-LVDS/PCB3 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9480-LVDS/PCB3 Datasheet HTML 5Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 6Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 7Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 8Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 9Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 10Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 11Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 12Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD9480
Rev. A | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
CLK–
AVDD
AGND
D0_C (LSB)
DRGND
DRVDD
CLK+
D0_T (LSB)
D1_C
D1_T
D2_C
33
32
31
30
29
28
27
26
25
24
23
AGND
AVDD
AGND
DRGND
S1
PDWN
SENSE
D7_T (MSB)
D7_C (MSB)
D6_T
D6_C
13 14
15
16 17 18
19
20
21
22
PIN 1
NC = NO CONNECT
44 43 42
41
40 39 38
37
36
35
34
AD9480
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin
No.
Mnemonic
Description
Pin
No.
Mnemonic
Description
1
CLK+
Input Clock—True
23
D6_C
Data Output Bit 6—Complement
2
CLK−
Input Clock—Complement
24
D6_T
Data Output Bit 6—True
3
AVDD
3.3 V Analog Supply
25
D7_C
Data Output Bit 7—Complement (MSB)
4
AGND
Analog Ground
26
D7_T
Data Output Bit 7—True (MSB)
5
DRVDD
3.3 V Digital Output Supply
27
DRGND
Digital Ground
6
DRGND
Digital Ground
28
S1
Data Format Select and Duty-Cycle Stabilizer Selection
(See Table 8)
7
D0_C
Data Output Bit 0—Complement (LSB)
29
PDWN
Power-Down Selection (AVDD = Power Down)
8
D0_T
Data Output Bit 0—True (LSB)
30
AGND
Analog Ground
9
D1_C
Data Output Bit 1—Complement
31
AVDD
3.3 V Analog Supply
10
D1_T
Data Output Bit 1—True
32
AGND
Analog Ground
11
D2_C
Data Output Bit 2—Complement
33
SENSE
Reference Mode Selection (See Table 9)
12
D2_T
Data Output Bit 2—True
34
VREF
Voltage Reference Input/Output
13
D3_C
Data Output Bit 3—Complement
35
AGND
Analog Ground
14
D3_T
Data Output Bit 3—True
36
AVDD
3.3 V Analog Supply
15
DRGND
Digital Ground
37
AGND
Analog Ground
16
DCO−
Data Clock Output—Complement
38
VIN−
Analog Input—Complement
17
DCO+
Data Clock Output—True
39
VIN+
Analog Input—True
18
DRVDD
3.3 V Digital Output Supply
40
AGND
Analog Ground
19
D4_C
Data Output Bit 4—Complement
41
AVDD
3.3 V Analog Supply
20
D4_T
Data Output Bit 4—True
42
LVDSBIAS
LVDS Output Current Adjust
21
D5_C
Data Output Bit 5—Complement
43
NC1
No Connect (Leave Floating)
22
D5_T
Data Output Bit 5—True
44
AGND
Analog Ground
1 Pin 43 will self-bias to 1.5 V. It can be left floating (as recommended) or tied to AVDD or ground with no ill effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com