Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9480-LVDS/PCB3 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9480-LVDS/PCB3
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480-LVDS/PCB3 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9480-LVDS/PCB3 Datasheet HTML 14Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 15Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 16Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 17Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 18Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 19Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 20Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 21Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
AD9480
Rev. A | Page 17 of 28
The AD9480 can be easily configured for different full-scale
ranges. See the Voltage Reference section for more information.
Optimal performance is achieved with a 1 V p-p analog input.
SENSE = GND
VIN+
2.0V
500mV
2.0V
VIN–
DIGITALOUT = ALL 1s
DIGITALOUT = ALL 0s
Figure 33. Analog Input Full Scale
VOLTAGE REFERENCE
A stable and accurate 1.0 V reference is built into the AD9480.
Users can choose this internal reference or provide an external
reference for greater accuracy and flexibility. Figure 35 shows
the typical reference variation with temperature. Table 9
summarizes the available reference configurations.
SELECT
LOGIC
ADC
CORE
0.5V
7k
Ω
VREF
0.1
µF
10
µF
+
SENSE
VIN+
VIN–
7k
Ω
Figure 34. Internal Reference Equivalent Circuit
Fixed Reference
The internal reference can be configured for a differential span
of 1 V p-p (see Figure 37). It is recommended to place a 0.1 µF
capacitor as close as possible to the VREF pin; a 10 µF capacitor
is also required (see the PCB layout for guidance). If the
internal reference of the AD9480 is used to drive multiple
converters to improve gain matching, the loading of the
reference by the other converters must be considered. Figure 37
depicts how the internal reference voltage is affected by loading.
TEMPERATURE (
°C)
1.0085
1.0080
1.0075
1.0060
1.0055
1.0065
1.0070
1.0050
1.0045
1.0040
1.0035
–40
–20
0
20
40
60
80
Figure 35. Typical Reference Variation with Temperature
0.1
µF
10
µF
VREF
SENSE
Figure 36. Internal Fixed Reference (1 V p-p)
IREF (mA)
0
–0.1
–0.2
–0.4
–0.3
–0.5
0
0.5
1.5
1.0
2.0
2.5
3.0
Figure 37. Internal VREF vs. Load Current
Table 9. Reference Configurations
SENSE Voltage
Resulting VREF
Reference
Differential Span
AVDD
N/A (External Reference Input)
External
1 × External Reference Voltage
0.5 V (Self-Biased)
0.5 × (1 + R1/R2) V
Programmable
1 × VREF (0.75 V p-p to 1.5 V p-p)
AGND to 0.2 V
1.0 V
Internal Fixed
1 V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com