Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UD4KB80 Datasheet(PDF) 8 Page - Shindengen Electric Mfg.Co.Ltd

Part # UD4KB80
Description  60Hz sine wave, Resistane load, Without heatsink Ta=30?
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

UD4KB80 Datasheet(HTML) 8 Page - Shindengen Electric Mfg.Co.Ltd

Back Button UD4KB80_17 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd UD4KB80_17 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd UD4KB80_17 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd UD4KB80_17 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd UD4KB80_17 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd UD4KB80_17 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd UD4KB80_17 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd UD4KB80_17 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd UD4KB80_17 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
40
60
80
100
120
140
160
1
10
100
せん頭サージ電流耐量
Peak
Surge
Forward
Current
Capability
通電波数
[cycle]
Number
of
Cycles
8.3ms 8.3ms
1 cycle
0
sine
wave
non - repetitive
Tj = 25℃
UD4KB80



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com