Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UD4KB80 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # UD4KB80
Description  60Hz sine wave, Resistane load, Without heatsink Ta=30?
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

UD4KB80 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  UD4KB80_17 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd UD4KB80_17 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd UD4KB80_17 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd UD4KB80_17 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd UD4KB80_17 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd UD4KB80_17 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd UD4KB80_17 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd UD4KB80_17 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd UD4KB80_17 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
定格表
RATINGS
UD4KB80
●絶対最大定格 Absolute Maximum Ratings (指定のない場合は、Tc=25℃ / unless otherwise specified )
項目
記号
条件
規格値
単位
Item
Symbol
Conditions
Ratings
Unit
保存温度
Storage Temperature
接合部温度
Operating Junction Temperature
せん頭逆電圧
Maximum Reverse Voltage
60Hz 正弦波, 抵抗負荷, フィンなし 
Ta=30℃
出力電流
60Hz sine wave, Resistane load, Without heatsink Ta=30℃
Average Rectified Forward Current
60Hz 正弦波, 抵抗負荷, フィン付き
Tc=138℃
60Hz sine wave, Resistane load,With heatsink
Tc=138℃
せん頭サージ順電流
60Hz 正弦波, 非繰り返し1サイクルせん頭値, Tj=25℃
Peak Surge Forward Current
60Hz sine wave, Non-repetitive 1cycle peak value, Tj=25℃
電流二乗時間積
3ms≦t<8.3ms Tj=25℃, 一素子当たりの規格値
Current Squared Time
3ms≦t<8.3ms Tj=25℃,
Per diode
絶縁耐圧
一括端子・ケース間, AC1分間印加
Dielectric Strength
Terminals to case, AC 1 minute
締め付けトルク
(推奨値0.5N・m)
Mounting Torque
(Recommended torque:0.5N・m)
●電気的・熱的特性 Electrical Characteristics (指定のない場合はTc=25℃ / unless otherwise specified )
項目
記号
条件
規格値
単位
Item
Symbol
Conditions
Ratings
Unit
順電圧
IF=2A,   パルス測定, 一素子当たりの規格値
Forward Voltage
IF=2A,
Pulse measurement, Per diode
逆電流
V
R=800V,
パルス測定, 一素子当たりの規格値
Reverse Current
V
R=800V,
Pulse measurement, Per diode
接合部・ケース間, フィン付き
Junction to case,  With heatsink
熱抵抗
接合部・周囲間, フィンなし
Thermal Resistance
Junction to ambient,  Without heatsink
接合部・リード間, フィンなし
Junction to lead, Without heatsink
V
μA
℃/W
θjl
Max. 1.00
Max. 10
Max.
1.5
Max. 55
Max. 15
VF
IR
θjc
θja
0.8
℃
℃
V
A
A
A
2s
kV
N・m
4.0
135
75
2.0
-55~150
150
800
1.3
IFSM
I
2t
Vdis
TOR
Tstg
Tj
VRM
IO


Similar Part No. - UD4KB80_17

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
UD4KB80 SHINDENGEN-UD4KB80 Datasheet
376Kb / 2P
Bridge Diode
logo
Micro Commercial Compon...
UD4KB80 MCC-UD4KB80 Datasheet
483Kb / 3P
High surge forward current capability
logo
Zibo Seno Electronic En...
UD4KB80 ZSELEC-UD4KB80 Datasheet
118Kb / 2P
4.0A BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
UD4KB80 YFWDIODE-UD4KB80 Datasheet
457Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UD4KB80 ZSELEC-UD4KB80 Datasheet
104Kb / 2P
4.0A BRIDGE RECTIFIER
More results

Similar Description - UD4KB80_17

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
AR2500 GXELECTRONICS-AR2500 Datasheet
489Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
AR3500 GXELECTRONICS-AR3500 Datasheet
509Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
ARB25L GXELECTRONICS-ARB25L Datasheet
524Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
ARB35L GXELECTRONICS-ARB35L Datasheet
529Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
ARB50L GXELECTRONICS-ARB50L Datasheet
512Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
DR5000 GXELECTRONICS-DR5000 Datasheet
532Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
SC35A GXELECTRONICS-SC35A Datasheet
494Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
SCB25L GXELECTRONICS-SCB25L Datasheet
485Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
SCB50L GXELECTRONICS-SCB50L Datasheet
500Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
ZQ3500 GXELECTRONICS-ZQ3500 Datasheet
518Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com