Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IES-1062GF-SS-SC Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # IES-1062GF-SS-SC
Description  Industrial 8-port unmanaged Ethernet switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IES-1062GF-SS-SC Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  IES-1062GF-SS-SC Datasheet HTML 1Page - ORing Industrial Networking Corp IES-1062GF-SS-SC Datasheet HTML 2Page - ORing Industrial Networking Corp IES-1062GF-SS-SC Datasheet HTML 3Page - ORing Industrial Networking Corp IES-1062GF-SS-SC Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
www.oring-networking.com
1-264
Dimensions
(Unit=mm)
ORing Switch Model
IES-1080
IES -1062GT IES-1062FX-MM-SC IES -1062FX-SS-SC IES -1062GF-MM-SC IES -1062GF-SS-SC
Physical Ports
10/100Base-T(X) Ports
in RJ45 Auto MDI/MDIX
8
6
6
6
6
6
10/100/1000Base-T(X) Ports
in RJ45 Auto MDI/MDIX
-
2
-
-
-
-
Fiber Ports
Specifications
Fiber Ports Number
-
-
2
2
2
2
Fiber Ports Standard
-
-
100Base-FX
100Base-FX
1000Base-SX
1000Base-LX
Fiber Mode
-
-
Multi-mode
Single-mode
Multi-mode
Single-mode
Fiber Diameter (µm)
-
-
62.5/125 µm
50/125 µm
9/125 µm
62.5/125 µm
50/125 µm
9/125 µm
Fiber Optical
Connector
-
-
SC
SC
SC
SC
Typical Distance (km)
-
-
2 km
30 km
0.55 km
10 km
Wavelength (nm)
-
-
1310 nm
1310 nm
850 nm
1310 nm
Max. Output Optical
Power (dBm)
-
-
-14 dBm
-8 dBm
-4 dBm
-3 dBm
Min. Output Optical
Power (dBm)
-
-
-23.5 dBm
-15 dBm
-9.5 dBm
-9.5 dBm
Max. Input Optical
Power
(Saturation)
-
-
0 dBm
0 dBm
0 dBm
-3 dBm
Min. Input Optical
Power
(Sensitivity)
-
-
-31 dBm
-34 dBm
-18 dBm
-20 dBm
Link Budget (dB)
-
-
7.5 dB
19 dB
8.5 dB
10.5 dB
Technology
Specifications
Industrial Ethernet Switch DIN-Rail Unmanaged Ethernet Switch
IES-1080/1062GT
IES-1062GF/FX
v1.41 / Dec, 2011



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com