Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IES-1062GF-SS-SC Datasheet(PDF) 3 Page - ORing Industrial Networking Corp

Part # IES-1062GF-SS-SC
Description  Industrial 8-port unmanaged Ethernet switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IES-1062GF-SS-SC Datasheet(HTML) 3 Page - ORing Industrial Networking Corp

  IES-1062GF-SS-SC Datasheet HTML 1Page - ORing Industrial Networking Corp IES-1062GF-SS-SC Datasheet HTML 2Page - ORing Industrial Networking Corp IES-1062GF-SS-SC Datasheet HTML 3Page - ORing Industrial Networking Corp IES-1062GF-SS-SC Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1-265
1-265
Designed for Rugged Excellence
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX and 100Base-FX
IEEE 802.3ab for 1000Base-T
IEEE 802.3z for 1000Base-X
IEEE 802.3x for Flow control
MAC Table
8192 MAC addresses
Processing
Store-and-Forward
LED Indicators
Power Indicator
Green : Power LED x 3
Fault Indicator
Amber : Indicates PWR1 or PWR2 failure occurred
10/100Base-FX RJ45 Port Indicator
Green for port Link/Act. Amber for Duplex/Collision
10/100/1000Base-T(X) /
Fiber Port Indicator
Green for port Link/Act. Amber for Link
Fault contact
Relay
Relay output to carry capacity of 1A at 24VDC
Power
Redundant Input Power
Triple DC inputs. 12~48VDC on 7-pin terminal block, 12~45VDC on power jack
Power Consumption (Typ.)
4 Watts
7 Watts
8 Watts
8 Watts
6 Watts
6 Watts
Overload Current Protection
Present
Reverse Polarity Protection
Present on terminal block
Physical Characteristics
Enclosure
IP-30
Dimensions (W x D x H)
52(W) x 106.1(D) x 144.3(H) mm (2.05x4.18x5.68 inch.)
Weight (g)
666 g
677 g
680 g
680 g
685 g
685 g
Environmental
Storage Temperature
-40 to 85°C (-40 to 185°F)
Operating Temperature
-40 to 70°C (-40 to 158°F)
Operating Humidity
5% to 95% Non-condensing
Regulatory Approvals
EMI
FCC Part 15, CISPR (EN55022) class A
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS), EN61000-4-8, EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Safety
EN60950-1, UL508(E331061)
MTBF (Hours)
(MIL-HDBK-217F2, GB, GC, 25°C)
431,222
368,351
354,989
354,989
370,965
370,965
Warranty
5 years
Industrial Ethernet Switch DIN-Rail Unmanaged Ethernet Switch
v1.41 / Dec, 2011



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com