Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C02-RMN6TG Datasheet(PDF) 10 Page - STMicroelectronics

Part # M24C02-RMN6TG
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-RMN6TG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M24C02-RMN6TG Datasheet HTML 6Page - STMicroelectronics M24C02-RMN6TG Datasheet HTML 7Page - STMicroelectronics M24C02-RMN6TG Datasheet HTML 8Page - STMicroelectronics M24C02-RMN6TG Datasheet HTML 9Page - STMicroelectronics M24C02-RMN6TG Datasheet HTML 10Page - STMicroelectronics M24C02-RMN6TG Datasheet HTML 11Page - STMicroelectronics M24C02-RMN6TG Datasheet HTML 12Page - STMicroelectronics M24C02-RMN6TG Datasheet HTML 13Page - STMicroelectronics M24C02-RMN6TG Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
10/29
Figure 8. Write Cycle Polling Flowchart using ACK
Minimizing System Delays by Polling On ACK
During the internal Write cycle, the device discon-
nects itself from the bus, and writes a copy of the
data from its internal latches to the memory cells.
The maximum Write time (tw) is shown in Table
15. to Table 17., but the typical time is shorter. To
make use of this, a polling sequence can be used
by the bus master.
The sequence, as shown in Figure 8., is:
–
Initial condition: a Write cycle is in progress.
–
Step 1: the bus master issues a Start condition
followed by a Device Select Code (the first
byte of the new instruction).
–
Step 2: if the device is busy with the internal
Write cycle, no Ack will be returned and the
bus master goes back to Step 1. If the device
has terminated the internal Write cycle, it
responds with an Ack, indicating that the
device is ready to receive the second part of
the instruction (the first byte of this instruction
having been sent during Step 1).
WRITE Cycle
in Progress
AI01847C
Next
Operation is
Addressing the
Memory
START Condition
DEVICE SELECT
with RW = 0
ACK
Returned
YES
NO
YES
NO
ReSTART
STOP
DATA for the
WRITE Operation
DEVICE SELECT
with RW = 1
Send Address
and Receive ACK
First byte of instruction
with RW = 0 already
decoded by the device
YES
NO
START
Condition
Continue the
WRITE Operation
Continue the
Random READ Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com