Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C02-RMN6TG Datasheet(PDF) 18 Page - STMicroelectronics

Part # M24C02-RMN6TG
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-RMN6TG Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M24C02-RMN6TG Datasheet HTML 14Page - STMicroelectronics M24C02-RMN6TG Datasheet HTML 15Page - STMicroelectronics M24C02-RMN6TG Datasheet HTML 16Page - STMicroelectronics M24C02-RMN6TG Datasheet HTML 17Page - STMicroelectronics M24C02-RMN6TG Datasheet HTML 18Page - STMicroelectronics M24C02-RMN6TG Datasheet HTML 19Page - STMicroelectronics M24C02-RMN6TG Datasheet HTML 20Page - STMicroelectronics M24C02-RMN6TG Datasheet HTML 21Page - STMicroelectronics M24C02-RMN6TG Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
18/29
Table 15. AC Characteristics (M24Cxx, Device Grade 6)
Note: 1. For a reSTART condition, or following a Write cycle.
2. Sampled only, not 100% tested.
3. To avoid spurious START and STOP conditions, a minimum delay is placed between SCL=1 and the falling or rising edge of SDA.
4. This is preliminary data for M24Cxx-Wxx3.
Table 16. AC Characteristics (M24Cxx, Device Grade 3; M24Cxx-W, Device Grade 6 or 3)
Note: 1. For a reSTART condition, or following a Write cycle.
2. Sampled only, not 100% tested.
3. To avoid spurious START and STOP conditions, a minimum delay is placed between SCL=1 and the falling or rising edge of SDA.
4. 10ms write time is offered on the standard device. 5ms write time is offered on new products bearing the Process Identification letter
“W” or “G” on the package, as described in Table 24..
Test conditions specified in Table 8. and Table 5.
Symbol
Alt.
Parameter
Min.4
Max.4
Unit
fC
fSCL
Clock Frequency
400
kHz
tCHCL
tHIGH
Clock Pulse Width High
600
ns
tCLCH
tLOW
Clock Pulse Width Low
1300
ns
tDL1DL2 2
tF
SDA Fall Time
20
300
ns
tDXCX
tSU:DAT
Data In Set Up Time
100
ns
tCLDX
tHD:DAT
Data In Hold Time
0
ns
tCLQX
tDH
Data Out Hold Time
200
ns
tCLQV 3
tAA
Clock Low to Next Data Valid (Access Time)
200
900
ns
tCHDX 1
tSU:STA
Start Condition Set Up Time
600
ns
tDLCL
tHD:STA
Start Condition Hold Time
600
ns
tCHDH
tSU:STO
Stop Condition Set Up Time
600
ns
tDHDL
tBUF
Time between Stop Condition and Next Start Condition
1300
ns
tW
tWR
Write Time
5
ms
Test conditions specified in Table 8. and Table 5. or Table 6.
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock Frequency
400
kHz
tCHCL
tHIGH
Clock Pulse Width High
600
ns
tCLCH
tLOW
Clock Pulse Width Low
1300
ns
tDL1DL2 2
tF
SDA Fall Time
20
300
ns
tDXCX
tSU:DAT
Data In Set Up Time
100
ns
tCLDX
tHD:DAT
Data In Hold Time
0
ns
tCLQX
tDH
Data Out Hold Time
200
ns
tCLQV 3
tAA
Clock Low to Next Data Valid (Access Time)
200
900
ns
tCHDX 1
tSU:STA
Start Condition Set Up Time
600
ns
tDLCL
tHD:STA
Start Condition Hold Time
600
ns
tCHDH
tSU:STO
Stop Condition Set Up Time
600
ns
tDHDL
tBUF
Time between Stop Condition and Next Start Condition
1300
ns
tW
tWR
Write Time
10 or4 5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com