Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE9000ACPZ-RL Datasheet(PDF) 71 Page - Analog Devices

Part # ADE9000ACPZ-RL
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000ACPZ-RL Datasheet(HTML) 71 Page - Analog Devices

Back Button ADE9000ACPZ-RL Datasheet HTML 65Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 66Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 67Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 68Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 69Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 70Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 71Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 72Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 73Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
ADE9000
Data Sheet
Rev. A | Page 70 of 72
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
1
EGY_TMR_MODE
This bit determines whether energy is
accumulated based on the number of 8 kSPS
samples or zero-crossing events configured in
the EGY_TIME register.
0x0
R/W
0 Accumulate energy based on 8 kSPS samples.
1 Accumulate energy based on the zero crossing
selected by the ZX_SEL bits in the ZX_LP_SEL
register.
0
EGY_PWR_EN
Set this bit to enable the energy and power
accumulator, when the run bit is also set.
0x0
R/W
0x4B4 CRC_FORCE
[15:1]
RESERVED
Reserved.
0x0
R
0
FORCE_CRC_UPDATE
Write this bit to force the configuration register
CRC calculation to start. When the calculation is
complete, the CRC_DONE bit is set in the
STATUS1 register.
0x0
R/W
0x4B5 CRC_OPTEN
15
CRC_WFB_TRG_CFG_EN
Set this bit to include the WFB_TRG_CFG register
in the configuration register CRC calculation.
0x0
R/W
14
CRC_WFB_PG_IRQEN
Set this bit to include the WFB_PG_IRQEN register
in the configuration register CRC calculation.
0x0
R/W
13
CRC_WFB_CFG_EN
Set this bit to include the WFB_CFG register in
the configuration register CRC calculation.
0x0
R/W
12
CRC_SEQ_CYC_EN
Set this bit to include the SEQ_CYC register in
the configuration register CRC calculation.
0x0
R/W
11
CRC_ZXLPSEL_EN
Set this bit to include the ZX_LP_SEL register in
the configuration register CRC calculation.
0x0
R/W
10
CRC_ZXTOUT_EN
Set this bit to include the CRC_ZXTOUT_EN register
in the configuration register CRC calculation.
0x0
R/W
9
CRC_APP_NL_LVL_EN
Set this bit to include the APP_NL_LVL register in
the configuration register CRC calculation.
0x0
R/W
8
CRC_REACT_NL_LVL_EN
Set this bit to include the REACT_NL_LVL register in
the configuration register CRC calculation.
0x0
R/W
7
CRC_ACT_NL_LVL_EN
Set this bit to include the ACT_NL_LVL register in
the configuration register CRC calculation.
0x0
R/W
6
CRC_SWELL_CYC_EN
Set this bit to include the SWELL_CYC register in
the configuration register CRC calculation.
0x0
R/W
5
CRC_SWELL_LVL_EN
Set this bit to include the SWELL_LVL register in
the configuration register CRC calculation.
0x0
R/W
4
CRC_DIP_CYC_EN
Set this bit to include the DIP_CYC register in the
configuration register CRC calculation.
0x0
R/W
3
CRC_DIP_LVL_EN
Set this bit to include the DIP_LVL register in the
configuration register CRC calculation.
0x0
R/W
2
CRC_EVENT_MASK_EN
Set this bit to include the EVENT_MASK register
in the configuration register CRC calculation.
0x0
R/W
1
CRC_MASK1_EN
Set this bit to include the MASK1 register in the
configuration register CRC calculation.
0x0
R/W
0
CRC_MASK0_EN
Set this bit to include the MASK0 register in the
configuration register CRC calculation.
0x0
R/W
0x4B6 TEMP_CFG
[15:4]
RESERVED
Reserved.
0x0
R
3
TEMP_START
Set this bit to manually request a new temperature
sensor reading. The new temperature reading is
available in 1 ms, indicated by the TEMP_RDY bit
in the STATUS0 register. Note that this bit is self
clearing.
0x0
W1
2
TEMP_EN
Set this bit to enable the temperature sensor.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com