Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE9000ACPZ-RL Datasheet(PDF) 13 Page - Analog Devices

Part # ADE9000ACPZ-RL
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000ACPZ-RL Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE9000ACPZ-RL Datasheet HTML 9Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 10Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 11Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 12Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 13Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 14Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 15Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 16Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
ADE9000
Data Sheet
Rev. A | Page 12 of 72
TYPICAL PERFORMANCE CHARACTERISTICS
ENERGY LINEARITY OVER SUPPLY AND TEMPERATURE
Total energies obtained from a sinusoidal voltage with an amplitude of 50% of full scale and a frequency of 50 Hz, a sinusoidal current
with variable amplitudes from 100% of full scale down to 0.01% or 0.02% of full scale, a frequency of 50 Hz, and the integrator off.
Fundamental energies obtained with a fundamental voltage component, with an amplitude of 50% of full scale in phase with a fifth
harmonic, a current with a 50 Hz component that has variable amplitudes from 100% of full scale down to 0.01% of full scale, a fifth
harmonic with a constant amplitude of 40% of fundamental, and the integrator off, unless otherwise noted.
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
TA = +85°C
TA = +25°C
TA = –40°C
0.5
0.3
0.1
–0.1
–0.3
–0.5
Figure 4. Total Active Energy Error as a Percentage of Full-Scale Current
over Temperature, Power Factor = 1
0.01
0.10
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
TA = +85°C
TA = +25°C
TA = –40°C
0.5
0.3
0.1
–0.1
–0.3
–0.5
Figure 5. Total Reactive Energy Error as a Percentage of Full-Scale Current
over Temperature, Power Factor = 0
0.5
0.3
0.1
–0.1
–0.3
–0.5
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 6. Total Apparent Energy Error as a Percentage of Full-Scale
Current over Temperature, Power Factor = 1
0.5
0.3
0.1
–0.1
–0.3
–0.5
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
2.97V
3.3V
3.63V
Figure 7. Total Active Energy Error as a Percentage of Full-Scale Current
over Supply Voltage, Power Factor = 1, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com