Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY23FS04ZCT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY23FS04ZCT
Description  Failsafe 2.5V/ 3.3V Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FS04ZCT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY23FS04ZCT Datasheet HTML 3Page - Cypress Semiconductor CY23FS04ZCT Datasheet HTML 4Page - Cypress Semiconductor CY23FS04ZCT Datasheet HTML 5Page - Cypress Semiconductor CY23FS04ZCT Datasheet HTML 6Page - Cypress Semiconductor CY23FS04ZCT Datasheet HTML 7Page - Cypress Semiconductor CY23FS04ZCT Datasheet HTML 8Page - Cypress Semiconductor CY23FS04ZCT Datasheet HTML 9Page - Cypress Semiconductor CY23FS04ZCT Datasheet HTML 10Page - Cypress Semiconductor CY23FS04ZCT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CY23FS04
Document #: 38-07304 Rev. *B
Page 7 of 12
XTAL Selection Criteria and Application Example
Choosing the appropriate XTAL will ensure the FailSafe device
will be able to span an appropriate frequency of operation.
Also, the XTAL parameters will determine the holdover
frequency stability. Critical parameters are as follows. Our
recommendation is to choose:
• Low C0/C1 ratio (240 or less) so that the XTAL has enough
range of pullability.
• Low temperature frequency variation
• Low manufacturing frequency tolerance
• Low aging.
C0 is the XTAL shunt capacitance (3 pF – 7 pF typ).
C1 is the XTAL motional capacitance (10 fF – 30 fF typ).
The capacitive load as “seen” by the XTAL is across its
terminals. It is named Clmin (for minimum value), and Clmax
(for maximum value).These are used for calculating the pull
range.
Please note that the Cl range “center” is approximately 20 pF,
but we may not want a XTAL calibrated to that load. This is
because the pullability is not linear, as represented in the
equation above. Plotting the pullability of the XTAL shows this
expected behavior as shown in Figure 8. In this example,
specifying a XTAL calibrated to 14 pF load provides a
balanced ppm pullability range around the nominal frequency.
Note:
5. The above example shows the maximum range the FailSafe internal capacitor array is capable of (0 to 48.6 pF).Cypress recommends the min/max capacitor
array values be programmed to a narrower range such as 6 pF–30 pF, or 7.5 pF–27 pF. This ensures the XTAL operates between series resonance and
anti-resonance. Please contact Cypress for choosing these range settings.
Clmin = (12 pF IC input cap + 0 pF pulling cap+ 6 pF trace cap on board)/2 = 9 pF
Clmax = (12 pF IC input cap + 48 pF pulling cap+ 6 pF trace cap on board)/2 = 33 pF
Pull Range =(fClmin–fClmax)/fClmin = ((C1)/2)[(1/(C0+Clmin))–(1/(C0+Clmax))]
Pull Range in ppm
= ((C1)/2)[(1/(C0+Clmin))–(1/(C0+Clmax))] × 106
Example:[5]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com