Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GWT3LRF1.EM Datasheet(PDF) 9 Page - OSRAM GmbH

Part # GWT3LRF1.EM
Description  Omnidirectional retrofits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWT3LRF1.EM Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button GWT3LRF1.EM Datasheet HTML 5Page - OSRAM GmbH GWT3LRF1.EM Datasheet HTML 6Page - OSRAM GmbH GWT3LRF1.EM Datasheet HTML 7Page - OSRAM GmbH GWT3LRF1.EM Datasheet HTML 8Page - OSRAM GmbH GWT3LRF1.EM Datasheet HTML 9Page - OSRAM GmbH GWT3LRF1.EM Datasheet HTML 10Page - OSRAM GmbH GWT3LRF1.EM Datasheet HTML 11Page - OSRAM GmbH GWT3LRF1.EM Datasheet HTML 12Page - OSRAM GmbH GWT3LRF1.EM Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Version 1.4
GW T3LRF1.EM
2016-07-19
9
Forward Current 3) page 17 , 5) page 17
Durchlassstrom 3) Seite 17 , 5) Seite 17
IF = f (VF); TA = 25 °C
Relative Luminous Flux 3) page 17 , 5) page 17
Relativer Lichtstrom 3) Seite 17 , 5) Seite 17
ΦVV(10 mA) = f(IF); TA = 25 °C
Chromaticity Coordinate Shift 3) page 17
Farbortverschiebung 3) Seite 17
ΔCx, ΔCy = f(IF); TA = 25 °C
GW T3LRF1.EM
73
91
76 78 80 82 84 86 88
VF
[V]
0
15
2
4
6
8
10
12
14
IF
[mA]
GW T3LRF1.EM
0
15
2
4
6
8
10
12
IF
[mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
ΦV
ΦV
(10mA)
GW T3LRF1.EM
0
15
2
4
6
8
10
12
IF
[mA]
-0,004
-0,002
0,000
0,002
0,004
Cx
Cy
: Cx - white
: Cy - white



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com